Electronic Components Datasheet Search
  English  ▼

X  

Q45XDN Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # Q45XDN
Description  Intelligent??Photoelectric Sensors for use on DeviceNet Bus Networks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45XDN Datasheet(HTML) 4 Page - Banner Engineering Corp.

  Q45XDN Datasheet HTML 1Page - Banner Engineering Corp. Q45XDN Datasheet HTML 2Page - Banner Engineering Corp. Q45XDN Datasheet HTML 3Page - Banner Engineering Corp. Q45XDN Datasheet HTML 4Page - Banner Engineering Corp. Q45XDN Datasheet HTML 5Page - Banner Engineering Corp. Q45XDN Datasheet HTML 6Page - Banner Engineering Corp. Q45XDN Datasheet HTML 7Page - Banner Engineering Corp. Q45XDN Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Q45XDN
4
P/N 46655 rev. C
™
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Glass Fiber Optic Models
Q45XDN2FQ6
Models
Focus
Cable
Supply
Voltage
Excess Gain
Beam Pattern
Q45XDN1FQ6
Range
varies by
sensing
mode and
fiber
optics
used
5-pin Euro QD
11-25V dc
1
10
100
0.1 m
0.33 ft
1.0 m
3.3 ft
10 m
33 ft
0.01 m
0.03 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45F
Opposed Mode
IT23S fibers
IT13S fibers
2.0 m
75 in
1.6 m
60 in
1.2 m
45 in
0.8 m
30 in
0.4 m
15 in
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2.0 in
4.0 in
6.0 in
2.0 in
4.0 in
6.0 in
DISTANCE
Q45F
Opposed Mode
IT23S Fibers
IT13S Fibers
Infrared, 880 nm
Visible Red, 660 nm
Diffuse mode performance based on 90% reflectance white test card
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45F
Diffuse Mode
BT23S Fiber
BT13S Fiber
125 mm
5 in
100 mm
4 in
75 mm
3 in
50 mm
2 in
25 mm
1 in
0
0
1.3 mm
2.5 mm
3.8 mm
1.3 mm
2.5 mm
3.8 mm
0
0.05 in
0.10 in
0.15 in
0.05 in
0.10 in
0.15 in
DISTANCE
Q45F
Diffuse Mode
BT23S Fiber
BT13S Fiber
Plastic Fiber Optic Models
Q45XDN2FPQ6
Diffuse mode performance based on 90% reflectance white test card
Models
Focus
Cable
Supply
Voltage
Excess Gain
Beam Pattern
Q45XDN1FPQ6
Range
varies
by
sensing
mode
and
fiber
optics
used
5-pin Euro QD
11-25V dc
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45FP
Opposed Mode
PIT46U Fibers
PIT26U Fibers
125 mm
5.0 in
100 mm
4.0 in
75 mm
3.0 in
50 mm
2.0 in
25 mm
1.0 in
0
0
15 mm
30 mm
45 mm
15 mm
30 mm
45 mm
0
0.6 in
1.2 in
1.8 in
0.6 in
1.2 in
1.8 in
DISTANCE
Q45FP
Opposed Mode
PIT46U Fibers
PIT26U Fibers
1
10
100
1 mm
0.04 in
10 mm
0.4 in
100 mm
4 in
0.1 mm
0.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45FP
Diffuse Mode
PBT46U Fiber
PBT26U Fiber
50 mm
2.0 in
40 mm
1.6 in
30 mm
1.2 in
20 mm
0.8 in
10 mm
0.4 in
0
0
6 mm
12 mm
18 mm
6 mm
12 mm
18 mm
0
0.25 in
0.50 in
0.75 in
0.25 in
0.50 in
0.75 in
DISTANCE
Q45FP
Diffuse Mode
PBT46U Fiber
Bit Strobe
I/O
Message
Change of
State
Bit Strobe
I/O
Message
Change of
State



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com