Electronic Components Datasheet Search
  English  ▼

X  

PIT66U Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # PIT66U
Description  Analog and Discrete Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIT66U Datasheet(HTML) 4 Page - Banner Engineering Corp.

  PIT66U Datasheet HTML 1Page - Banner Engineering Corp. PIT66U Datasheet HTML 2Page - Banner Engineering Corp. PIT66U Datasheet HTML 3Page - Banner Engineering Corp. PIT66U Datasheet HTML 4Page - Banner Engineering Corp. PIT66U Datasheet HTML 5Page - Banner Engineering Corp. PIT66U Datasheet HTML 6Page - Banner Engineering Corp. PIT66U Datasheet HTML 7Page - Banner Engineering Corp. PIT66U Datasheet HTML 8Page - Banner Engineering Corp. PIT66U Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Push Button
Remote
0.04 sec. ≤ T ≤ 0.8 sec.
Result
Single-click both buttons simultaneously.
Triple-pulse the remote line.*
T
T
T
T
T
Pointer icon: moves to the other
channel indicator.
* Note: Triple-pulse will change the display, but will not save. To save Channel Select, make an adjustment to that
channel as a TEACH, SET, or Sensor Setup.
Two-Point Static TEACH (Threshold)
• Establishes a single switching threshold
• Threshold position is adjustable using “+” and “-” buttons (see Manual
Adjust on page 9)
Static TEACH is the traditional setup method, used when two conditions can be
presented by the user. The sensor locates a single sensing threshold (the
switchpoint) midway between the two taught conditions, with the Output ON
condition on one side, and the Output OFF condition on the other.
The first condition taught is the ON condition. The Output ON and OFF conditions
can be reversed by changing Light/Dark Operate status in Setup mode (see
Sensor Setup on page 10 ).
Sensor positions
threshold midway
between taught conditions
Darkest
(no signal)
Most Light
(saturated
signal)
Output OFF
Output ON
2nd Taught
Condition
1st Taught
Condition
Position
adjusted by
Manual Adjust
Figure 4. Static TEACH (Light Operate shown)
Static TEACH and Manual Adjust. Discrete output: Using Manual Adjust with Static TEACH moves the switching threshold.
Analog output: Using Manual Adjust with Static TEACH moves the entire span up (+) or down (-).
Contrast Values
500+
Excellent: Very stable operation.
100-500
Good: Minor sensing variables will not affect sensing reliability.
32-99
Low: Minor sensing variables may affect sensing reliability.
0-31
Marginal: Consider an alternate sensing scheme.
Figure 5. Contrast Values
1. Access the Static TEACH Mode.
Method
Action
Result
Push Button
Press and hold the Static (-) button > 2 seconds.
•
Display flashes “1St”
•
Arrow icon turns red
Remote Input2
No action is required; the sensor is automatically ready for the 1st TEACH
condition
2. TEACH the Output ON condition.
2 0.04 seconds ≤ T ≤ 0.8 seconds
D10 Expert™ - Analog and Discrete Outputs
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 65448 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com