Electronic Components Datasheet Search
  English  ▼

X  

Q45VR3LPQ Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # Q45VR3LPQ
Description  Q45VR3 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR3LPQ Datasheet(HTML) 1 Page - Banner Engineering Corp.

  Q45VR3LPQ Datasheet HTML 1Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 2Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 3Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 4Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 5Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 6Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 7Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 8Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
Universal Voltage Photoelectric Sensors with Electromechanical Relay Output
• Advanced one-piece photoelectric sensors with outstanding optical performance and
extremely rugged design
• Universal supply voltage: 12 to 250 V dc or 24 to 250 V ac
• Electromechanical relay for economical, high-capacity switching and immunity to electrical
noise
• Multiple sensing modes available: opposed, diffuse, retroreflective, and convergent, plus glass
and plastic fiber optic models
• Selectable light/dark operate
• Versatile plug-in modules available for output timing logic and/or signal strength display
• Highly visible Power, Signal (AID™ System 1), and Output indicator LEDs
• Choice of prewired 2 m (6.5 ft) or 9 m (30 ft) unterminated cable or Mini-style quick-
disconnect fitting
• Versatile mounting options
• Designed to withstand 1200 psi washdown; exceeds its NEMA 6P and IEC IP67 rating
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or
death. This device does not include the self-checking redundant circuitry necessary to allow its use in personnel
safety applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Models
To order the 9 m (30 ft) cable models, add the suffix "W/30" to the cabled model number. For example: Q453E W/30.
Models with a quick disconnect (QD) connector require a mating cable.
Opposed-Mode Emitter (E) and Receiver (R) Models
Because of their extremely high excess gain, these opposed-mode sensors are an excellent option for sensing
in contaminated or dirty areas, and are also the best choice for long-range sensing.
OPPOSED
Infrared, 880 nm
Models
Cable
Range
Supply Voltage
Output Type
Q453E Emitter
2-wire 2 m (6.5 ft) cable
60 m (200 ft)
Universal 12 to 250 V dc or 24 to
250 V ac
SPDT Electro-mechanical relay
Q45VR3R Receiver
5-wire 2 m (6.5 ft) cable
Q453EQ Emitter
3-Pin Mini-style QD
Q45VR3RQ Receiver
5-Pin Mini-style QD
Retroreflective-Mode Models
The visible red sensing beam of these sensors makes them very easy to align. Model Q45VR3LP
polarizes the emitted light and filters out unwanted reflections, making sensing possible in
applications otherwise considered unsuited to retroreflective sensing. Specified using the model
BRT-3 3-inch reflector (go to www.bannerengineering.com for additional information).
RETRO
Visible red, 680 nm
(non-polarized)
P
POLAR RETRO
Visible red, 680 nm
(polarized)
1 U.S. Patent no. 4356393
Q45VR3 Series Sensors
Original Document
53997 Rev. D
30 January 2017
53997


Similar Part No. - Q45VR3LPQ

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VR2 BANNER-Q45VR2 Datasheet
400Kb / 11P
Q45VR2 Series Sensors
Q45VR2CV BANNER-Q45VR2CV Datasheet
400Kb / 11P
Q45VR2 Series Sensors
Q45VR2CV4 BANNER-Q45VR2CV4 Datasheet
400Kb / 11P
Q45VR2 Series Sensors
Q45VR2CV4Q BANNER-Q45VR2CV4Q Datasheet
400Kb / 11P
Q45VR2 Series Sensors
Q45VR2CVQ BANNER-Q45VR2CVQ Datasheet
400Kb / 11P
Q45VR2 Series Sensors
More results

Similar Description - Q45VR3LPQ

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TM18 BANNER-TM18 Datasheet
331Kb / 8P
TM18 Series Sensors
DS18 BANNER-DS18 Datasheet
751Kb / 5P
DS18 Series Sensors
Q26 BANNER-Q26 Datasheet
653Kb / 7P
Q26 Series Sensors
VS1 BANNER-VS1 Datasheet
588Kb / 5P
VS1 Series Sensors
Q45BB6 BANNER-Q45BB6 Datasheet
731Kb / 10P
Q45BB6 Series Sensors
Q45BW13 BANNER-Q45BW13 Datasheet
325Kb / 8P
Q45BW13 Series Sensors
Q45BW22 BANNER-Q45BW22 Datasheet
627Kb / 11P
Q45BW22 Series Sensors
Q45VR2 BANNER-Q45VR2 Datasheet
400Kb / 11P
Q45VR2 Series Sensors
Q45X BANNER-Q45X Datasheet
243Kb / 6P
Q45X Series Sensors
logo
Carlo Gavazzi Holding A...
FLM CARLOGAVAZZI-FLM Datasheet
44Kb / 2P
Proximity Magnetic Sensors Flux Sensors FLM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com