Electronic Components Datasheet Search
  English  ▼

X  

SMB3018SC Datasheet(PDF) 12 Page - Banner Engineering Corp.

Part # SMB3018SC
Description  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB3018SC Datasheet(HTML) 12 Page - Banner Engineering Corp.

Back Button SMB3018SC Datasheet HTML 5Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 6Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 7Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 8Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 9Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 10Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 11Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 12Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 13Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SMB18AFA..
•
Protective, swivel
bracket with tilt and pan
movement for precision
adjustment
•
Easy sensor mounting to
extruded rail T-slots
•
Metric and inch size bolts
available
•
Mounting hole for 18 mm
sensors
51
51
44
3/8-16
UNC
X 2 in.
ø19.8
ø18.1
Hole size: B = ø 18.1
Model
Bolt Thread (A)
SMB18AFA
3/8 - 16 × 2 in
SMB18AFAM10
M10 - 1.5 × 50
SMB18Q
•
Right-angle flanged
bracket
•
18 mm sensor mounting
hole
•
12-ga. stainless steel
41
46
A
B
30
C
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17.0 × 4.6, C = ø 19.0
SMB18SF
•
18 mm swivel bracket with
M18 × 1 internal thread
•
Black thermoplastic
polyester
•
Stainless steel swivel
locking hardware included
B
A
51
42
25
Hole center spacing: A = 36.0
Hole size: A = ø 5.3, B = ø 18.0
SMB18UR
•
2-piece universal swivel
bracket
•
300 series stainless steel
•
Stainless steel swivel
locking hardware
included
•
Mounting hole for 18 mm
sensor
137
64
42
B
A
C
Hole center spacing: A = 25.4, B = 46.7
Hole size: B = 6.9 × 32.0, C = ø 18.3
SMB312PD
•
Right-angle mounting
bracket with a curved
slot for versatile
orientation
•
12-ga. stainless steel
•
18 mm sensor mounting
hole
•
Clearance for M4 (#8)
hardware
46
41
B
C
A
32
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17 × 4.6, C = ø 18.5
NOTE: Not for use with plastic fiber optic
sensors
SMBAMS18RA
•
Right-angle SMBAMS
series bracket with 18
mm hole
•
Articulation slots for 90+
° rotation
•
12-ga. (2.6 mm) cold-
rolled steel
48
45
40
A
B
C
Hole center spacing: A = 26.0, A to B = 13.0
Hole size: A = 26.8 × 7.0, B = ø 6.5, C = ø 19.0
SMBAMS18P
•
Flat SMBAMS series
bracket with 18 mm hole
•
Articulation slots for 90+
° rotation
•
12-ga. (2.6 mm) cold-
rolled steel
45
78
A
B
C
Hole center spacing: A = 26.0, A to B = 13.0
Hole size: A = 26.8 × 7.0, B = ø 6.5, C = ø 19.0
SMB30SK
•
Flat-mount swivel bracket
with extended range of
motion
•
Black reinforced
thermoplastic polyester and
316 stainless steel
•
Stainless steel swivel locking
hardware included
68
57
78
A
B
Hole center spacing: A = 50.8
Hole size: A = ø 7, B = ø 18
MINI-BEAM SME312 Expert Series
12
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 55214 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com