Electronic Components Datasheet Search
  English  ▼

X  

WQAC294 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WQAC294
Description  SMD Air Wound Coil Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WQAC294 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WQAC294 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
ASC_WQAC294 Series_V1.0_Auto
Nov. Y2017
Ordering Information
WQ
AC
294A
Z0
J
T09
L
B
Product
Code
Series
Dimensions
Series
Extension
Tolerance
Value
Packing Code
WQ:
Inductor
AEC-Q200
Air wound
coil
inductor.
294A
Z0:STD
G:
± 2%
J:
± 5%
K:
± 10%
T09 = 9 Turns
T15 =15Turns
L=13” Reeled
(Embossed reel)
B:STD
Electrical Characteristics
● WQAC294A series
TOLERANCE: G=±2%, J=±5%, K=±10%
※TEST INSTRUMENT: HP4291B、FIXTURE HP16193A、HP8753E、CHROMA16502
NOTE :
1. Inductance & SRF measured on the HP4291B. With HP16193 test fixture.
2. Operating temp. : -40℃ to +125℃
3. For temperature rise : 15℃
4. SRF measured using the HP8753E
5. MSL:LEVEL 1
Walsin Part Number
Turns
L(nH)
Tolerance
Q Min
Q Min @
Freq
(MHz)
SRF
Maximum
(MHz)
RDC
Maximum
(m
Ω
Ω
Ω
Ω)
Rated Current
Maximum
(A)
WQAC294AZ0□T09LB
9
90
G、J、K
95
50
1140
15
3.5
WQAC294AZ0□T10LB
10
111
G、J、K
87
50
1020
15
3.5
WQAC294AZ0□T11LB
11
130
G、J、K
87
50
900
20
3.0
WQAC294AZ0□T12LB
12
169
G、J、K
95
50
875
25
3.0
WQAC294AZ0□T13LB
13
206
G、J、K
95
50
800
30
3.0
WQAC294AZ0□T14LB
14
222
G、J、K
92
50
730
35
3.0
WQAC294AZ0□T15LB
15
246
G、J、K
95
50
685
35
3.0
WQAC294AZ0□T16LB
16
307
G、J、K
95
50
660
35
3.0
WQAC294AZ0□T17LB
17
380
G、J、K
95
50
590
50
2.5
WQAC294AZ0□T18LB
18
422
G、J、K
95
50
540
60
2.5
WQAC294AZ0□T19LB
19
491
G、J、K
95
50
535
65
2.0
WQAC294AZ0□T20LB
20
538
G、J、K
87
50
490
90
2.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com