Electronic Components Datasheet Search
  English  ▼

X  

LM2696MXAX Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2696MXAX
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696MXAX Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2696MXAX Datasheet HTML 11Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 12Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 13Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 14Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 15Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 16Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 17Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 18Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Application Information (Continued)
Bill of Materials (Figure 11: Medium Voltage Board, 12V-to-3.3V conversion, f
sw = 300 kHz)
Designator
Function
Description
Vendor
Part Number
C
IN
Input Cap
560 µF
Sanyo
35MV560WX
C
BY
Bypass Cap
0.1 µF
Vishay
VJ0805Y104KXAM
C
SS
Soft-Start Cap
0.01 µF
Vishay
VJ080JY103KXX
C
EXT
EXTV
CC
1 µF
Vishay
VJ0805Y105JXACW1BC
C
BOOT
Boot
0.1 µF
Vishay
VJ0805Y104KXAM
C
AVIN
Analog V
IN
1 µF
Vishay
VJ0805Y105JXACW1BC
C
OUT
Output Cap
100 µF
Sanyo
6SVPC100M
C
SD
Shutdown Cap
1 nF
Vishay
VJ0805Y102KXXA
C
ff
Feedforward Cap
560 pF
Vishay
VJ0805A561KXXA
R
ff
Feedforward Res
1 M
Ω
Vishay
CRCW08051004F
R
FB1
High Side FB Res
1.62 k
Ω
Vishay
CRCW08051621F
R
FB2
Low Side RB Res
1 k
Ω
Vishay
CRCW08051001F
R
ON
On Time Res
143 k
Ω
Vishay
CRCW08051433F
D
CATCH
Boot Diode
40V @ 3A Diode
Central Semi
CMSH3-40M-NST
L
Output Inductor
10 uH, 5.4A ISAT
Coilcraft
MSS1278-103MX
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com