Electronic Components Datasheet Search
  English  ▼

X  

40AA Datasheet(PDF) 2 Page - Texas Instruments

Part # 40AA
Description  40/41/42AA Series ELECTRONIC MOTOR PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

40AA Datasheet(HTML) 2 Page - Texas Instruments

  40AA Datasheet HTML 1Page - Texas Instruments 40AA Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Summary of Protection
Features
For further information write or call:
Texas Instruments Incorporated
34 Forest St., MS 2-3
Attleboro, MA 02703-0964
Phone: (508) 236-3617
Fax:
(508) 236-1949
www.ti.com/snc/products/controls/motor-aa.htm
Protected Conditions
Envelope Drawing
Electrical Schematic
-
Thermal Motor Specification*
Specifications
40AA, 42AA Series
41AA Series
40AA, 42AA Series
41AA Series
40AA Single Channel Ratings (Series Sensors)
Sensor Trip Resistance
Sensor Reset Resistance
Sensor Resistance @ 25oC
41AA Three Channel Ratings (Parellel Sensors)
Sensor Trip Resistance
Sensor Reset Resistance
Sensor Resistance @ 25oC
42AA Single Channel Ratings (Series Sensors)
Sensor Trip Resistance
Sensor Reset Resistance
Sensor Resistance @ 25oC
Nominal Resistance
28.0 K
Ω
11.0 K
Ω
1.5 - 7.5 K
Ω
Nominal Resistance
14.0 K
Ω
3.25 K
Ω
0.5 - 2.5 K
Ω
Nominal Resistance
20.0 K
Ω
Manual Reset
1.5 - 7.5 K
Ω
*Resistance measurement with analog meter instrument on Mark B sensors.
• Locked Rotor
• Running Overload
• High Motor Ambient
• Blocked Ventilation
• Single Phasing
• Loss of Hermetic Compressor Charge
• Thermal overload of Windings
• Low Voltage Cutout
• Electrically - Isolated Power Supply
• Power Off Manual Resaet
•Automatic Reset with Minimum Off Delay
Timer
• UL File Number SA3745 (41AA)
• UL/CSA/CE pending on all other ratings
Supply Voltages........
Frequency..................
Control Circuit..........
Minimum
Permissible Load......
Maximum Load........
Cycle Life..................
Weight.........................
24VAC or
115-230
VAC (
±15%)
50/60 Hz
2.5A, 600VA, 250V Max.
5VDC, 100mA
30VDC
250k Cycles Min.
290 Grams
40/41/42AA Series
ELECTRONIC
MOTOR PROTECTION
M1
M2
L1
L2
XC
81
2x ø .147 THRU
3.200
2.838
±.019
.181
.225
2.550
±.020
1.467
2.550
±.020
6X .250 X .032 MALE QUICK CONNECT
TERMINAL TIN PLATED BRASS
M1
M2
L1
L2
X
C
81
82
83
2x ø .147 THRU
3.200
2.838
±.019
.181
.225
2.550
±.020
1.467
2.550
±.020
8X .250 X .032 MALE QUICK CONNECT
TERMINAL TIN PLATED BRASS
Important Notice: Texas Instruments (TI) reserves the right to
make changes to or discontinue any product or service identified
in this publication without notice. TI advises its customers to
obtain the latest version of the relevant information to verify,
before placing any orders, that the information being relied upon
is current. TI assumes no responsibility for infringements of
patents or rights of others based on TI applications assistance
or product specifications since TI does not possess full access
concerning the use or application of customers' products. TI
also assumes no responsibility for customers' product designs.
Printed in U.S.A. 11/2003



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com