Electronic Components Datasheet Search
  English  ▼

X  

R5000F Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # R5000F
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

R5000F Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  R5000F Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd R5000F Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd R5000F Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
R2500F THRU R5000F
HIGH VOLTAGE FAST RECOVERY RECTIFIER
REVERSE VOLTAGE:
2500 to 5000 VOLTS
FORWARD CURRENT:
0.2 AMPERE
FEATURES
· Fast switching
DO-15
· Low leakage
· High current capability
.034 (.86)
· High surge capability
(25.4) 1.0
.028 (.71)
· High reliability
MIN
(5.2) .205
(4.1) .160
.107 (2.7)
MECHANICAL DATA
(25.4) 1.0
.080 (2.0)
Case: Molded plastic, DO-15
MIN
Terminals: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Band denotes cathode
Mounting position: Any
Weight: 0.015ounce, 0.4gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at TA=50℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 0.2A
VF
Volts
Maximum Reverse Current
at Rated DC Blocking Voltage
TA=25℃
Maximum Full Load Reverse Current Average,
Full Cycle .375”, (9.5mm) lead length at TL = 55℃
Maximum Reverse Recovery Time (Note 1)
TRR
nS
Operating and Storage Temperature Range
TJ,Tstg
℃
NOTES:
1- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
uAmp
0.2
4.0
5.0
6.5
5.0
2800
3500
3000
4000
5000
IR
100
I(AV)
IFSM
R2500F
R3000F
R4000F
R5000F
2500
3000
4000
5000
-55 to +150
Amp
Amp
uAmp
500
Dimensions in inches and (millimeters)
30
1750
2500
2100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com