Electronic Components Datasheet Search
  English  ▼

X  

SF86 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # SF86
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

SF86 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  SF86 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd SF86 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd SF86 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SF81 THRU SF88
GLASS PASSIVATED SUPER FAST RECTIFIER
REVERSE VOLTAGE:
50 to 600 VOLTS
FORWARD CURRENT:
8.0 AMPERE
FEATURES
· Plastic package has Underwriters Laboratory
TO-220A
Flammability Classification 94V-O ctilizing
Flame Retardant Epoxy Molding Compound.
· Superfast switching time for high efficiency
· Low forward voltage drop and high current capability
· High surge capacity.
· Low reverse leakage current
MECHANICAL DATA
Case: Molded plastic, TO-220A
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202
method 208 guaranteed
Polarity: As marked
Mounting position: Any
Weight: 0.08ounce, 2.24gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
SF81
SF82
SF83
SF84
SF85
SF86
SF87
SF88
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
Volts
Maximum Average Forward Rectified Current
at TC=100℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 8.0A and TA=25℃
VF
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=125℃
Typical Junction Capacitance (Note 1)
CJ
pF
Maximum Reverse Recovery Time (Note 2)
TRR
nS
Typical Thermal Resistance (Note 3)
RθJC
℃/W
Operating and Storage Temperature Range
TJ,Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
3- Thermal Resistance from Junction to Case Mounted on Heatsink.
Dimensions in inches and (millimeters)
IR
8.0
125
10.0
I(AV)
IFSM
0.95
1.3
1.7
-55 to +150
Amp
Amp
uAmp
250
2.2
35
50
80
60



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com