Electronic Components Datasheet Search
  English  ▼

X  

AMC7585 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AMC7585
Description  5A LOW DROPOUT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7585 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AMC7585 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC7585 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7585 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7585 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7585 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7585 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7585 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7585 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7585 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AMC DOC. #: AMC7585_E (LF)
AMC7585
Feb
2005
5A LOW DROPOUT REGULATOR
Copyright
© 2002, ADD Microtech Corp.
3
www.addmtek.com
ABSOLUTE MAXIMUM RATINGS
(Note)
Input Voltage (VIN)
7V
Operating Junction temperature
150
OC
Storage Temperature Range
-65
OC to 150 OC
Lead temperature (Soldering, 10 seconds)
300
OC
Note:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
POWER DISSIPATION TABLE
Package
θ
JA
(
OC /W )
Derating factor ( mW/
OC )
TA ≥ 25
OC
TA ≤ 25
OC
Power rating(mW)
TA=70
OC
Power rating(mW)
TA= 85
OC
Power rating (mW)
T
45
22.2
2775
1776
1443
TF
45
22.2
2775
1776
1443
ST/ST3
45
22.2
2775
1776
1443
ST/ST3F
45
22.2
2775
1776
1443
SJ
80
12.5
1562
1000
812
SJF
80
12.5
1562
1000
812
Note:
TJ = TA + (PD × θJA)
P
D: Power dissipation.
θ
JA: Thermal resistance from Junction to Ambient.
For T and ST/ST3 packages,
θ
JT = 3.0
OC / W.
For SJ package,
θ
JT = 7.0
OC /W.
TJ = TTAB + (PD × θJT)
TTAB: Tab temperature.
θ
JT:
Thermal resistance from junction to tab of the package.
1.
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
2.
All of the above assume no ambient airflow.
3.
If power consumption is over above rating, adequate heat sink is required to dissipate heat.
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VIN
2.75
7
V
Load Current (with adequate heatsinking)
I
O
0.010
5
A
Input Capacitor (VIN to GND)
1
µF
Output Capacitor with ESR of 10
Ω max., (V
OUT to GND)
10
µF
Operating Ambient Temperature Range
0
70
OC
Operating junction temperature
TJ
125
OC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com