Electronic Components Datasheet Search
  English  ▼

X  

2CL71A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 2CL71A
Description  Plastic Fast Recover High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2CL71A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2CL71A Datasheet HTML 1Page - First Silicon Co., Ltd 2CL71A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2CL71A
2015. 11. 30
1/2
Revision No : 0
Features
Supersmall size
High reliability
High speed switching
P po
Rectification for high voltage power supply of color T.V.
Rectification for high voltage power supply of CRT display
Plastic Fast Recover High Voltage Rectifier
Reverse Voltage 8KV, Forward Current 5mA
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
-40 --- +120
-40 --- +100
120
Repetitive Peak Reverse Voltage
Average Forward Current
Non-Repetitive Forward Surge Current
Virtual Junction Temperature
Storage Temperature
Ambient Temperature
KV
mA
A
℃
℃
VRRM
IF(AV)
IFSM
TJ
Tstg
Symbol
Unit
2CL71A
8
5
Item
0.5
Tamb
℃
25
IF =10mA
V
μA
nS
IRM1
trr
Forward Voltage Drop
Reverse Recovery Time
Symbol
Unit
VF
100
Item
2CL71A
Air Cleaner
Unit:mm
MIN
MIN
26
6 5±0 2
26
2 5±0 2
0.5±0 03
2
5
Normal Temperature Reverse Current
High Temperature Reverse Current
IRM2
TA=100℃ VR=VRRM
VR=VRRM
μA
IF =2mA,Irp=4mA
(50HZ half-sine wave,Resistance load Ta=25℃)
(50HZ half-sine wave,1/2 cycle, Ta = 25 ℃)
s
t
c
u
d
o
r
p
g
n
i
d
n
o
p
s
e
r
r
o
c
S
H
o
R


Similar Part No. - 2CL71A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
2CL71A DACHANG-2CL71A Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 8KV Forward Current 5mA
logo
Shenzhen Luguang Electr...
2CL71A LUGUANG-2CL71A Datasheet
202Kb / 2P
楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
GETAI ELECTRONICS DEVIC...
2CL71A GETEDZ-2CL71A Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
logo
American Microsemicondu...
2CL71A AMMSEMI-2CL71A Datasheet
673Kb / 2P
GERMANIUM PNP MESA TRANSISTORS
logo
GETAI ELECTRONICS DEVIC...
2CL71A GETEDZ-2CL71A Datasheet
625Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL71A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
2CL70A DACHANG-2CL70A Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
BA157 DACHANG-BA157_15 Datasheet
125Kb / 2P
Plastic Fast Recover Rectifier
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
logo
Shanghai Leiditech Elec...
2CL71A LEIDITECH-2CL71A Datasheet
306Kb / 2P
Plastic Fast Recover High Voltage Rectifier
2CL704 LEIDITECH-2CL704 Datasheet
298Kb / 2P
Plastic Fast Recover High Voltage Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com