Electronic Components Datasheet Search
  English  ▼

X  

2N2222AE Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2N2222AE
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AE Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2N2222AE Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AE Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AE Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 150 mAdc, VCE = 10 Vdc)
(IC = 500 mAdc, VCE = 10 Vdc)
HFE
35
50
75
100
40
−
−
−
−
−
−
Collector−Emitter Saturation Voltage
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
−
−
0.3
1.0
Vdc
Base −Emitter Saturation Voltage
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.6
−
1.2
2.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
250
−
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
−
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
−
30
pF
Input Impedance
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hie
0.25
1.25
k
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hre
−
4.0
X 10−4
Small −Signal Current Gain
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hfe
75
375
−
Output Admittance
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hoe
25
200
mhos
Noise Figure
(VCE = 10 Vdc, IC = 100 Adc, RS = 1.0 k ohms, f = 1.0 kHz)
NF
−
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 30 Vdc, V BE = −0.5 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
td
−
10
ns
Rise Time
tr
−
25
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = IB2 = 15 mAdc)
ts
−
225
ns
Fall Time
tf
−
60
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum recommended footprint.
2. Pulse Test: Pulse Width ≤300 s, Duty Cycle ≤2.0%.
2N2222AE
2008. 02. 18
1/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com