Electronic Components Datasheet Search
  English  ▼

X  

2N4401 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 2N4401
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N4401 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  2N4401 Datasheet HTML 1Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 2Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 3Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 4Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 5Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LMBT4401LT1 UNIT 1
LMBT4401LT1 UNIT 2
h PARAMETERS
(V
CE = 10 Vdc, f = 1.0 kHz, T A = 25°C)
This group of graphs illustrates the relationship between h fe and other “h” parameters for this series of
ransistors. To obtain these curves, a high–gain and a low–gain unit were selected from the LMBT4401LT1
lines, and the same units were used to develop the correspondingly numbered curves on each graph.
I
C , COLLECTOR CURRENT (mA)
Figure 11. Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 13. Voltage Feedback Ratio
0.1
0.2 0.3
0 5 0.7 1 0
2 0 3.0
7.0 5.0 10
300
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
I
C , COLLECTOR CURRENT (mA)
Figure 12. Input Impedance
50
20
10
5 0
2 0
1 0
0 5
I
C , COLLECTOR CURRENT (mA)
Figure 14. Output Admittance
100
50
20
10
5.0
2.0
1.0
SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE
V CE = 10 Vdc, T A = 25°C
Bandwidth = 1.0 Hz
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
7 0 5 0 10
LMBT4401LT1 UNIT 1
LMBT4401LT1 UNIT 2
LMBT4401LT1 UNIT 1
LMBT4401LT1 UNIT 2
LMBT4401LT1 UNIT 1
LMBT4401LT1 UNIT 2
0.1
0 2 0 3
0.5 0.7 1.0
2.0 3 0
7 0 5 0 10
0.1
0.2 0.3
0 5 0.7 1 0
2 0 3.0
7.0 5.0 10
R
S, SOURCE RESISTANCE (kΩ)
Figure 10. Source Resistance Effects
f = 1.0 kHz
0.010.02 0 05 0.1 0.2
0.5 1 0 2.0
5 0 10 20
50 100
10
8.0
6.0
4.0
2.0
0
500
100 200
500 1.0k 2 0k
5.0k 10k
20k
50k 100k
f , FREQUENCY (kHz)
Figure 9. Frequency Effects
I
C = 50
µ
A
I
C = 100 µA
I
C = 500
µ
A
I
C = 1.0 mA
I
C = 1.0 mA, R S = 150 Ω
I
C = 500
µ
A, R
S = 200
Ω
I
C = 100 µA, R S = 2.0 kΩ
I
C = 50 µA, R S = 4.0 kΩ
R
S = OPT MUM
SOURCE
RESISTANCE
10
8 0
6 0
4 0
2 0
0
2008. 08. 08
4/6
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
2N4401



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com