Electronic Components Datasheet Search
  English  ▼

X  

LP150X1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LP150X1
Description  DATA DISPLAY AG LP150X1 15.0 XGA TFT LCD PRELIMINARY SPECIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LP150X1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LP150X1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 2Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 5Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 6Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 7Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 8Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TITLE: LP150X1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
LP150X1 REV. 1.0 PAGE 4 OF 20
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
APRIL 2001
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
3.
ELECTRICAL SPECIFICATIONS
The LP150X1 requires two power inputs. One is employed to power the LCD
electronics and to derive the voltages to drive the TFT array and liquid crystal. The
second input which powers the backlight CCFT, is typically generated by an inverter.
The inverter is an external unit to the LCD.
Table 2: Electrical Characteristics
Parameter
Symbol
Values
Units
Remark
Min.
Typ.
Max.
MODULE
Power supply Input voltage
Power supply Input current
Ripple/Noise
Logic input level, High
Logic input level, Low
Power consumption
BACKLIGHT
Backlight input voltage
Backlight current
Power consumption
Established starting voltage
Operating frequency
Half life time
VDD
IDD
-
VIH
VIL
P
VBL
IBL
PBL
FBL
3.0
315
-
0.7VDD
Vss
-
600
3.0
2.2
1100
40
3.3
370
-
-
-
1.22
650
5.5
3.6
-
55
10.000
3.6
425
60
VDD
0.3VDD
2.77
740
7.0
4.2
-
70
15.000
Vdc
mA
mV
Vdc
Vdc
W
VRMS
mA
W
VRMS
KHz
hrs
Note 1
Note 2
Note 2
Note 1
Note 3
25±2°
Note 4
Note 1:
The current flow and power consumption is specified for 3.3 Vdc at 25°
and 65MHz (DCLK). Typical power consumption is checked in white 64
gray scale bar.
Note 2:
Logic levels are specified for VDD of 3.3 Vdc at 25°. The values specified
apply to all logic inputs; Hsync, Vsync, DCLK, data signals and so on.
Note 3:
The backlight power consumption shown above does not include loss of
external inverter.
Note 4:
The life time is ditermined as the time at which brightness is 50 % of initial
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com