Electronic Components Datasheet Search
  English  ▼

X  

4053 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4053
Description  ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4053 Datasheet(HTML) 2 Page - Unisonic Technologies

  4053 Datasheet HTML 1Page - Unisonic Technologies 4053 Datasheet HTML 2Page - Unisonic Technologies 4053 Datasheet HTML 3Page - Unisonic Technologies 4053 Datasheet HTML 4Page - Unisonic Technologies 4053 Datasheet HTML 5Page - Unisonic Technologies 4053 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTC 4053
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
www.unisonic.com.tw
QW-R502-036,A
UTC 4053 Triple 2–Channel Analog Multiplexer/Demultiplexer
6
INHIBIT
C
X1
Y1
Z1
11
10
9
12
13
2
1
5
3
Z0
Y0
X0
B
A
14
15
4
Z
Y
X
COMMONS
OUT/IN
VDD = PIN 16
VSS = PIN 8
VEE = PIN 7
CONTROLS
SWITCHES
IN/OUT
Note: Control Inputs referenced to VSS, Analog Inputs and Outputs reference to VEE. VEE must be≦VSS.
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage (Referenced to VEE, VSS≧VEE)
VDD
-0.5 ~ +18.0
V
Input or Output Voltage (DC or Transient) (Referenced to VSS
for Control Inputs and VEE for Switch I/O)
Vin, Vout
-0.5 ~ VDD +0.5
V
Input Current (DC or Transient), per Control Pin
Iin
±10
mA
Switch Through Current
ISW
±25
mA
Power Dissipation. Per Package**
PD
500
mW
Storage Temperature
Tstg
-65 ~ +150
℃
Lead Temperature (8 - Second Soldering)
TLead
260
℃
* Maximum Ratings are those values beyond which damage to the device may occur.
** Temperature Derating: “DIP and SOP” Packages: – 7.0 mW/℃ From 65℃ ~ 125℃
ELECTRICAL CHARACTERISTICS
(Ta=25℃, unless otherwise indicated.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP#
MAX
UNIT
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Supply Voltage Range
VDD
VDD – 3.0≧VSS≧VEE
3.0
18
V
Quiescent Current per Package
IDD
Control Inputs: Vin = VSS or VDD
Switch I/O: VEE ≦VI/O ≦VDD,
and ∆Vswitch≦500mV*
VDD=5.0V
VDD=10V
VDD=15V
0.005
0.010
0.015
5.0
10
20
µA
Total Supply Current (Dynamic Plus
Quiescent, Per Package)
ID(AV)
Ta=25℃ only (The channel
component, (Vin - Vout)/Ron, is
not included.)
VDD=5.0V
VDD=10V
VDD=15V
(0.07 µA/kHz) f + IDD Typical
(0.20 µA/kHz) f + IDD
(0.36 µA/kHz) f + IDD
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com