Electronic Components Datasheet Search
  English  ▼

X  

1212331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212331
Description  Replacement die - CRIMPFOX-C120 RC 70/M-DIE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212331 Datasheet HTML 1Page - PHOENIX CONTACT 1212331 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1212331
04/01/2014   Page 1 / 2
Replacement die - CRIMPFOX-C120 RC 70/M-DIE - 1212331
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Die (upper part), for CRIMPFOX-C120, for non-insulated cable lugs (DIN 46234) 6 + 70 mm², indent crimp
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
100.0 GRM
Custom tariff number
82079091
Country of origin
Germany
Technical data
General
Color
black
Compression
Indent crimp
Type of contact
Non-insulated cable lugs
Classifications
eCl@ss
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21043811
eCl@ss 7.0
21043811
eCl@ss 8.0
21043811
ETIM
ETIM 2.0
EC001186
ETIM 3.0
EC001186


Similar Part No. - 1212331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212330 PHOENIX-1212330 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 RCI 35/DIE
logo
Weidmuller
1212330000 WEIDMULLER-1212330000 Datasheet
298Kb / 4P
SL 7.50/04/180B 3.2SN BK BX
logo
PHOENIX CONTACT
1212332 PHOENIX-1212332 Datasheet
48Kb / 2P
Replacement die - CRIMPFOX-C120 RC 35/F-DIE
1212333 PHOENIX-1212333 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C120 RC 50/F-DIE
1212334 PHOENIX-1212334 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C120 RC 70/F-DIE
More results

Similar Description - 1212331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212319 PHOENIX-1212319 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 RCT 70-1/DIE
1212325 PHOENIX-1212325 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 R35-70/DIE
1212326 PHOENIX-1212326 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 R95/DIE
1212332 PHOENIX-1212332 Datasheet
48Kb / 2P
Replacement die - CRIMPFOX-C120 RC 35/F-DIE
1212333 PHOENIX-1212333 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C120 RC 50/F-DIE
1212334 PHOENIX-1212334 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C120 RC 70/F-DIE
1212335 PHOENIX-1212335 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 AI 70/M-DIE
1212336 PHOENIX-1212336 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 AI 95/M-DIE
1212338 PHOENIX-1212338 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 AI 70/F-DIE
1212343 PHOENIX-1212343 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RC 35/M-DIE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com