Electronic Components Datasheet Search
  English  ▼

X  

CBM232AS16 Datasheet(PDF) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM232AS16
Description  OPERATION INSTRUCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM232AS16 Datasheet(HTML) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM232AS16 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.corebai.com
CBM232AS
OPERATION INSTRUCTION
Recommended Operating Conditions
Symbol
Parameter
Rate
Unit
Min
Max
VCC
Supply voltage
4.5
5.5
V
V+
Transmitter output high voltage
5.0
-
V-
Transmitter output low voltage
-5.0
-
VTIN
Transmitter input voltage
0
VCC
VRIN
Receiver input voltage
-30
30
ISC
Transmitter short circuit output current
-
±60
mA
Та
Ambient temperature
-40
85
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com