Electronic Components Datasheet Search
  English  ▼

X  

SC20120PT Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SC20120PT
Description  Silicon Carbide Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SC20120PT Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SC20120PT Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SC20120PT Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SC20120PT Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SC20120PT Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. SC20120PT Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
SC20120PT
Silicon Carbide Schottky Diode
Reverse Voltage - 1200 Volts
Forward Current - 20.0Amperes
FEATURES
S
E
M
I
C
O
N
D
U
C
T
O
R
JINAN JINGHENG ELECTRONICS
CO., LTD.
HTTP
://WWW.JINGHENG.CN
TYPICAL APPLICATIONS
5-1
SiC Schottky Diode has no switching loss,provides improved
system efficiency against Si diodes by utilizing new semiconductor
material-Silicon Carbide,enables higher operating frequency,
and helps increasing power density and reduction of system
size /cost.Its high reliability ensures robust operation during
surge or over_voltage conditions.
DESCRIPTION
Max Junction Temperature 175°C
High Surge Current Capacity
Positive Temperature Coefficient
Ease of Paralleling
No Reverse Recovery/No Forward Recovery
MECHANICAL DATA
Case: JEDEC TO-247AB
Molding compound meets UL94V-0 flammability rating
Terminals: Lead solderable per J-STD-002 and JESD22-B102
Polarity: As marked
Mounting Torque: 10 in-Ibs maximum
General Purpose
SMPS, Solar inverter, UPS
Power Switching Circuits
Type
V
D C
I
F
Qc
T ,max
j
Package
SC20120PT
1200V
10A/20A
30nC/60nC
175℃
TO- 247AB
KEY PERFORMANCE AND PACKAGE PARAMETERS( leg/device)
Dimensions in inches and (millimeters)
TO-247AB
0.645(16.4)
0.225(5.7)
0.055(1.4)
0.126(3.2)
0.146(3.7)
0.245(6.2)
30
10
10 TYP.
BOTH SIDES
1 REF.
BOTH SIDES
0.201(5.1)
0.030(0.76)
0.618(15.7)
0.205(5.2)
0.043(1.1)
0.114(2.9)
0.128(3.0)
DIA
0.225(5.7)
0.189(4.8)
0.020(0.51)
1
2
3
0.795(20.2)
0.840(21.3)
0.775(19.6)
0.800(20.3)
0.083(2.10)
0.074(1.88)
0.098(2.50)
0.089(2.25)
0.087(2.2)
0.075(1.9)
1
2
3
CASE
1 2 3


Similar Part No. - SC20120PT

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SC201 FUJI-SC201 Datasheet
70Kb / 3P
FAST RECOVERY DIODE
logo
Polyfet RF Devices
SC201 POLYFET-SC201 Datasheet
62Kb / 2P
SILICON GATE ENHANCEMENT MODE
logo
Infinite Electronics In...
SC2010C FAIRVIEW-SC2010C Datasheet
464Kb / 3P
N Male Open Circuit Connector Cap With 2.5 Inch Chain
REV 2.1
SC2011C FAIRVIEW-SC2011C Datasheet
452Kb / 3P
N Male Open Circuit Connector Cap With 2.76 Inch Chain
REV 1.1
SC2015 FAIRVIEW-SC2015 Datasheet
443Kb / 3P
SC2015 DATA SHEET N Male Open Circuit Connector Cap
REV 2.0
More results

Similar Description - SC20120PT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com