Electronic Components Datasheet Search
  English  ▼

X  

1212349 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212349
Description  Replacement die - CRIMPFOX-C50 R25-35/DIE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212349 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212349 Datasheet HTML 1Page - PHOENIX CONTACT 1212349 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1212349
04/01/2014   Page 1 / 2
Replacement die - CRIMPFOX-C50 R25-35/DIE - 1212349
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
pre-round die (pair), for CRIMPFOX-C50, for sector cable 25 + 35 mm²
The figure shows the ...R35-50/DIE
version
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
100.0 GRM
Custom tariff number
82079091
Country of origin
Germany
Technical data
General
Color
black
Compression
Oval crimp
Min. cross section
25 mm²
Max. cross section
35 mm²
AWG min
3
AWG max
2
Classifications
eCl@ss
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21043811
eCl@ss 7.0
21043811
eCl@ss 8.0
21043811


Similar Part No. - 1212349

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212340 PHOENIX-1212340 Datasheet
48Kb / 3P
Crimping pliers - CRIMPFOX-C50
1212341 PHOENIX-1212341 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RCT 35-1/DIE
1212342 PHOENIX-1212342 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RCT 50-1/DIE
1212343 PHOENIX-1212343 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RC 35/M-DIE
1212344 PHOENIX-1212344 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RC 25/F-DIE
More results

Similar Description - 1212349

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212324 PHOENIX-1212324 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 R25-50/DIE
1212341 PHOENIX-1212341 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RCT 35-1/DIE
1212343 PHOENIX-1212343 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RC 35/M-DIE
1212344 PHOENIX-1212344 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RC 25/F-DIE
1212345 PHOENIX-1212345 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RC 35/F-DIE
1212346 PHOENIX-1212346 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RCI 10/DIE
1212347 PHOENIX-1212347 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RCI 16/DIE
1212348 PHOENIX-1212348 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 RCI 25/DIE
1212350 PHOENIX-1212350 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 R35-50/DIE
1212351 PHOENIX-1212351 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-C50 R50-70/DIE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com