Electronic Components Datasheet Search
  English  ▼

X  

S-82K1B Datasheet(PDF) 21 Page - ABLIC Inc.

Part # S-82K1B
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-82K1B Datasheet(HTML) 21 Page - ABLIC Inc.

Back Button S-82K1B Datasheet HTML 17Page - ABLIC Inc. S-82K1B Datasheet HTML 18Page - ABLIC Inc. S-82K1B Datasheet HTML 19Page - ABLIC Inc. S-82K1B Datasheet HTML 20Page - ABLIC Inc. S-82K1B Datasheet HTML 21Page - ABLIC Inc. S-82K1B Datasheet HTML 22Page - ABLIC Inc. S-82K1B Datasheet HTML 23Page - ABLIC Inc. S-82K1B Datasheet HTML 24Page - ABLIC Inc. S-82K1B Datasheet HTML 25Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_00
S-82K1B Series
21
Battery Protection IC Connection Example
DO
CO
VM
FET1
FET2
R2
VSS
VINI
R3
Battery C1
R1
VDD
S-82K1B Series
EB
−
EB
+
Figure 12
Table 11 Constants for External Components
Symbol
Part
Purpose
Min.
Typ.
Max.
Remark
FET1
N-channel
MOS FET
Discharge control
−
−
−
Threshold voltage
≤ Overdischarge
detection voltage*1
FET2
N-channel
MOS FET
Charge control
−
−
−
Threshold voltage
≤ Overdischarge
detection voltage*1
R1
Resistor
ESD protection,
For power fluctuation
270
Ω
330
Ω
1.2 k
Ω*2
−
C1
Capacitor
For power fluctuation
0.068
μF 0.1 μF
2.2
μF
−
R2
Resistor
ESD protection,
Protection for reverse
connection of a charger
300
Ω
470
Ω
1.5 k
Ω
−
R3
Resistor
Overcurrent detection
−
1.5 m
Ω
−
−
*1. If a FET with a threshold voltage equal to or higher than the overdischarge detection voltage is used, discharging may be
stopped before overdischarge is detected.
*2. Accuracy of overcharge detection voltage is guaranteed by R1 = 330
Ω. Connecting resistors with other values will
worsen the accuracy.
Caution 1. The constants may be changed without notice.
2. It has not been confirmed whether the operation is normal or not in circuits other than the connection
example. In addition, the connection example and the constants do not guarantee proper operation.
Perform thorough evaluation using the actual application to set the constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com