Electronic Components Datasheet Search
  English  ▼

X  

VSC9192 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC9192
Description  340 Gb/s and 170 Gb/s OC-48 STS-1 Time-Slot Interchange Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC9192 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC9192 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC9192 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC9195, VSC9192
FEA TURES:
136 x 136 TSI Switch with Non-blocking 6528 x 6528 STS-1 Switch
Matrix (340G Aggregate Bandwidth)
Bit-sliced Switching Mode Provides 13056 x 13056 Connectivity at
Half Bandwidth (68x68 ports) Enabling a One-stage 680G Fabric with
Four Switch Chips
Serial TFI-5 2.488 Gb/s High-speed Interface with EQ and Pre-emphasis
Hitless Reconfiguration of TSI Mapping
Split Frame Domain Support (2 Domains per Chip)
Two Overhead Ports to Drop and Add OH Bytes for Automatic
Protection Switching Support and In-band Messaging
Cross-connect Program Memory Integrity Monitoring
LOS Detection, Input Parity Checking and Output Parity Insertion,
Scrambling and Descrambling
Transparent Mode Enables Switching Among Complete Ports
Independent of Rate and Protocol, at 2.125, and 2.488-2.67 Gb/s
Can Act as a Static Slice/Merge Device to Support other VSC9195
Devices in a Bit-sliced Fabric
APPLICA TIONS:
Central Switch in 170 Gb/s to 340 Gb/s STS-1 Grooming Fabric
Switch Element for 680 Gb/s to 1.36 Tb/s STS-1 Grooming Fabric
Bit-slicing Engine for 680 Gb/s to 1.36 Tb/s STS-1 Grooming Fabric
Ingress/Egress Device for Multi-terabit STS-1 Grooming Clos Fabric
Synchronous Transparent Crosspoint Switch for Generic Circuit or
Packet Switching
340 Gb/s and 170 Gb/s OC-48 STS-1 Time-Slot Interchange Switches
BENEFITS:
Enables High Capacity Switching with a Small Number of ICs, Reducing
Cost and Power
Easy Diagnostic and Monitoring Capability
Scalability: Using VSC9192 and VSC9195, Customer can Economically
Create Products from 80G to 680G Aggregate Bandwidth Using the same
Software and Hardware Interfaces, with Capability to Scale to 1.36Tb
Without Requiring Specialized Clos Programming Algorithms. Clos
Fabrics for Larger Throughput can be Implemented with Fewer ICs.
Flexibility: can be Used as a Monolithic Switch, as an Element in a 680G
Bit-sliced Fabric, as a Bit-slicing Engine for a 680G Bit-sliced Fabric or an
Ingress/Egress Device for a Large Clos Fabric.
SPECIFICA TIONS:
340 Gb/s Aggregate Bandwidth
TFI-5 Compliant 2.5 Gb/s High-speed Interfaces
Dual +2.5V/1.2V Power Supply
45.0mm 1072 fcBGA Package
Power Dissipation 25W (typ), 32W (max when fully utilized) with
Power-down for Unused Channels
0 to 110ºC (case) Temperature Range
53 MHz 16-bit CPU Interface
TIME-SLOT INTERCHANGE PRODUCTS
PB-VSC9195/92-001


Similar Part No. - VSC9192

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC9191 VITESSE-VSC9191 Datasheet
377Kb / 2P
100 Gbps (40 x 40) SONET/SDH TSI Switch with Dual Rate I/O
More results

Similar Description - VSC9192

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
58Kb / 4P
SBI Bus Serializer / STS-12 Time Slot Interchange
logo
List of Unclassifed Man...
MC740-430E ETC-MC740-430E Datasheet
461Kb / 15P
47-Gb/s 4:1 Multiplexer
logo
Vitesse Semiconductor C...
VSC9182 VITESSE-VSC9182 Datasheet
110Kb / 2P
VSC9182 - 40G STS-1 Time Slot Interchange
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH Datasheet
207Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
NX6511GH RENESAS-NX6511GH Datasheet
207Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
NX6514EH RENESAS-NX6514EH Datasheet
205Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
logo
California Eastern Labs
NX6314EH CEL-NX6314EH Datasheet
903Kb / 6P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
logo
Renesas Technology Corp
NX6514EH RENESAS-NX6514EH_15 Datasheet
217Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
logo
PMC-Sierra, Inc
PM8610-1 PMC-PM8610-1 Datasheet
44Kb / 2P
SBI Bus Serializer / STS-12 Time Slot Interchange
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com