Electronic Components Datasheet Search
  English  ▼

X  

AP393 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP393
Description  Low Power Low Offset Voltage Dual Comparators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP393 Datasheet(HTML) 1 Page - Anachip Corp

  AP393 Datasheet HTML 1Page - Anachip Corp AP393 Datasheet HTML 2Page - Anachip Corp AP393 Datasheet HTML 3Page - Anachip Corp AP393 Datasheet HTML 4Page - Anachip Corp AP393 Datasheet HTML 5Page - Anachip Corp AP393 Datasheet HTML 6Page - Anachip Corp AP393 Datasheet HTML 7Page - Anachip Corp AP393 Datasheet HTML 8Page - Anachip Corp AP393 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP393
Low Power Low Offset Voltage Dual Comparators
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Sep 7, 2004
1/13
Features
- Wide supply
Voltage range: 2.0V to 36V
Single or dual supplies: ±1.0V to ±18V
- Very low supply current drain (0.4 mA) –
independent of supply voltage
- Low input biasing current: 25 nA
- Low input offset current: ±5 nA
- Maximum offset voltage: ±3 mV
- Input common-mode voltage range includes
ground
- Differential input voltage range equal to the power
supply voltage
- Low output saturation voltage: 250 mV at 4 mA
- Output voltage compatible with TTL, DTL, ECL,
MOS and CMOS logic systems
- 8-pin PDIP and SOP Pb-Free packages
Advantages
- High precision comparators
- Reduced VOS drift over temperature
- Eliminates need for dual supplies
- Allows sensing near ground
- Compatible with all forms of logic
- Power drain suitable for battery operation
Pin Assignment
General Description
The AP393 consists of two independent precision
voltage
comparators
with
an
offset
voltage
specification as low as 2.0 mV max for two
comparators which were designed specifically to
operate from a single power supply over a wide
range of voltages. Operation from split power
supplies is also possible and the low power supply
current drain is independent of the magnitude of the
power supply voltage. These comparators also
have a unique characteristic in that the input
common-mode voltage range includes ground,
even though operated from a single power supply
voltage.
Application areas include limit comparators, simple
analog to digital converters; pulse, squarewave and
time delay generators; wide range VCO; MOS clock
timers; multivibrators and high voltage digital logic
gates. The AP393 is designed to directly interface
with TTL and CMOS. When operated from both
plus and minus power supplies, the AP393 will
directly interface with MOS logic where their low
power drain is a distinct advantage over standard
comparators.
SOP-8L/PDIP-8L
1
2
3
45
6
7
8
(Top View)
INVERTING INPUT 1
GND
AP393
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
V+
INVERTING INPUT 2
NON-INVERTING INPUT 2
Pin Descriptions
Pin Name
Pin
No.
Description
OUTPUT 1
1
Channel 1 Output
INVERTING
INPUT 1
2
Channel 1 Negative Input
NON-INVERT
ING INPUT 1
3
Channel 1 Positive Input
GND
4
Ground
Pin Name
Pin
No.
Description
NON-INVERT
ING INPUT 2
5
Channel 2 Positive Input
INVERTING
INPUT 2
6
Channel 2 Negative Input
OUTPUT 2
7
Channel 2 Output
V
+
8
Vcc


Similar Part No. - AP393

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP393 DIODES-AP393 Datasheet
288Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AP393 Rev. 3
AP393 DIODES-AP393 Datasheet
189Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
DS31006 Rev. 8 - 2
AP39303 DIODES-AP39303 Datasheet
1Mb / 16P
QUASI-RESONANT PWM SWITCHER
July 2022
AP39303S16-13 DIODES-AP39303S16-13 Datasheet
1Mb / 16P
QUASI-RESONANT PWM SWITCHER
July 2022
AP393A DIODES-AP393A Datasheet
302Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AP393A Rev. 7
More results

Similar Description - AP393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com