Electronic Components Datasheet Search
  English  ▼

X  

CBM8656AS8 Datasheet(PDF) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8656AS8
Description  OPERATION INSTRUCTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8656AS8 Datasheet(HTML) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM8656AS8 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8656AS8 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8656AS8 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8656AS8 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8656AS8 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8656AS8 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8656AS8 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8656AS8 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8656AS8 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
www.corebai.com
CBM8655-CBM8656
OPERATION INSTRUCTION
SPECIFICATIONS
VS = 5.0V, VCM = VS/2, TA = 25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM=0V to 5V
50
250
µV
−40°C≤TA≤+125℃
550
µV
Offset Voltage Drift
ΔVOS/ΔT
−40°C≤TA≤+125℃
0.4
2.3
µV/℃
Input Bias Current
IB
1
10
pA
−40°C≤TA≤+125℃
500
pA
Input Offset Current
IOS
10
pA
−40°C≤TA≤+125℃
500
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM=0V to 5V
85
100
dB
Large Signal Voltage Gain
AVO
VO=0.2V to 4.8V, RL=10kΩ,
VCM=0V
100
110
dB
−40°C≤TA≤+125℃
95
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL=1mA;−40℃≤TA≤+125℃
4.97
4.991
V
Output Voltage Low
VOL
IL=1mA;−40℃≤TA≤+125℃
8
30
mV
Output Current
VOUT
VOUT=±0.5V
±220
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS=2.7V to 5.0V
88
105
dB
Supply Current/Amplifier
ISY
VO=0V
3.7
4.5
mA
−40℃≤TA≤+125℃
5.3
mA
INPUT CAPACITANCE
CIN
Differential
9.3
pF
Common-Mode
16.7
pF
NOISE PERFORMANCE
Input Voltage Noise Density
en
f=1kHz
4
nV/√Hz
f=10kHz
2.7
nV/√Hz
Total Harmonic Distortion+Noise
THD+N
G=1, RL=1kΩ, f=1kHz,
0.0007
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com