Electronic Components Datasheet Search
  English  ▼

X  

SL10 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SL10
Description  SL10 Series Slot Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SL10 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SL10 Datasheet HTML 1Page - Banner Engineering Corp. SL10 Datasheet HTML 2Page - Banner Engineering Corp. SL10 Datasheet HTML 3Page - Banner Engineering Corp. SL10 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Supply Voltage and Current
10 to 30V dc (10% max. ripple), 30 mA
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: NPN and PNP
Output Rating
150 mA, each output
Output Protection Circuitry
Protected against output short-circuit and false pulse on power up
Output Response Time
1 millisecond or 300 microseconds, depending on model
Repeatability
250 microseconds or 75 microseconds, depending on model
Adjustments
4-turn clutched potentiometer sensitivity adjustment
Slot Opening
10 mm (0.4 in) wide x 45 mm (1.8 in) deep overall; beam set in 10 mm (0.4 in) from
outer edge
Indicators
Green: Power on/off indicator
Amber: Signal condition indicator
Construction
Housing: ABS/polycarbonate blend
Optic windows: acrylic
Connections
2 m (6.5 ft) or 9 m (30 ft) 5-conductor PVC-jacketed attached cable or 5-pin Euro-style
quick-disconnect (QD) connector
Environmental Rating
IEC IP67; NEMA 6
Operating Conditions
−40 °C to +70 °C (−40 °F to +158 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per the
supplied table.
Overcurrent protection may be provided with external fusing or via Current Limiting,
Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Certifications
E224071
Dimensions
M12 x 1
Signal LED
(Amber)
Power LED
(Green)
20.2 mm (0.80")
18.8 mm
(0.74")
6.0 mm
(0.24")
2x ø5.6 mm
(0.22")
6.0 mm
(0.24")
10.0 mm
(0.39)
10.0 mm
(0.39)
45.0 mm
(1.77")
72.0 mm
(2.84")
40.0 mm
(1.58")
52.0 mm
(2.05")
17.5 mm
(0.69")
11.5 mm
(0.45")
All measurements are listed in millimeters [inches], unless noted otherwise.
SL10 Series Slot Sensor
P/N 58341 Rev. D
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com