Electronic Components Datasheet Search
  English  ▼

X  

LX3 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # LX3
Description  LX Series Part-Sensing Light Screen
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LX3 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  LX3 Datasheet HTML 1Page - Banner Engineering Corp. LX3 Datasheet HTML 2Page - Banner Engineering Corp. LX3 Datasheet HTML 3Page - Banner Engineering Corp. LX3 Datasheet HTML 4Page - Banner Engineering Corp. LX3 Datasheet HTML 5Page - Banner Engineering Corp. LX3 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications
Supply Voltage and Power
10 to 30 V dc (10% maximum ripple) at less than 1 watt each for emitter and receiver
(exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Sensing Range
Normal
(see hookups)
Reduced
Short-Range Models
100 to 200 mm
(4 in to 8 in)
75 to 150 mm
(3 in to 6 in)
Standard-Range Models
300 mm to 2 m
(1 ft to 6.5 ft)
150 mm to 600 mm
(6 in to 24 in)
Output Configuration
Bipolar: One current sourcing (PNP) and one current sinking (NPN) open-collector
transistor
Output Rating
125 mA maximum each output
Off-state leakage current: less than 5 microamps
Output saturation voltage (PNP output): < 1 volt at 10 mA and < 1.5 volts at 100 mA
Output saturation voltage (NPN output): < 0.5 volts at 10 mA and < 0.6 volts at 100
mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or short circuit
of outputs
Output Response Time
LX3: 0.8 ms ON-time; 6 ms OFF-time (5 ms OFF-delay)
LX6: 1.6 ms ON-time; 7 ms OFF-time (5 ms OFF-delay)
LX9: 2.4 ms ON-time; 7.5 ms OFF-time (5 ms OFF-delay)
LX12: 3.2 ms ON-time; 8.5 ms OFF-time (5 ms OFF-delay)
LX15: 4.0 ms ON-time; 9 ms OFF-time (5 ms OFF-delay)
LX18: 4.8 ms ON-time; 10 ms OFF-time (5 ms OFF-delay)
LX21: 5.6 ms ON-time; 11 ms OFF-time (5 ms OFF-delay)
LX24: 6.4 ms ON-time; 11.5 ms OFF-time (5 ms OFF-delay)
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per
the supplied table.
Overcurrent protection may be provided with external fusing or via Current Limiting,
Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Minimum Object Detection Size (M.O.D.S.)
Smallest diameter rod that can be detected in sensing range:
Short-Range: 5.6 mm (0.22 in)
Standard-Range: 9.5 mm (0.38 in)
Indicators
Emitter:
•
LED1 (green)
◦
ON: Power ON, good sensor
◦
OFF: Reduced Range
◦
ON:Power ON, good sensor
•
LED2 (red)
◦
ON: Reduced range
◦
OFF: Normal range
◦
Flashing: Emitter hardware failure
Receiver
•
LED1 (yellow)
◦
ON: Output conducting
◦
OFF: Output not conducting
•
LED2 (bicolor green/red)
◦
Green: Normal range
◦
Red: Reduced range
◦
Flashing Red: Receiver hardware failure
Construction
Aluminum housing, die cast zinc with black e-coat painted endcaps,
acrylic lens window
Environmental Rating
Meets IEC IP65
Connections
2 meter (6.5 ft) 5-conductor (with drain) pvc-jacketed attached cable or
5-pin Euro-style 150 mm (6 in) QD pigtail, depending on model
Operating Conditions
Temperature: −20 °C to +70 °C (−4 °F to +158 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Application Notes
1. The best sensing resolution occurs within the center 80% of
the sensing range (Figure 1 on page 2).
2. Low-profile packages can be reliably detected.
3. Outputs are active while the light screen is interrupted.
4. For reliable detection, successive parts must be spaced up to
the total of ON-time plus OFF-time apart. (that is, 12
milliseconds for the LX12)
Certifications
LX Series Part-Sensing Light Screen
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 108865 rev. E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com