Electronic Components Datasheet Search
  English  ▼

X  

SLO Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SLO
Description  SLO Series Slot Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLO Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SLO Datasheet HTML 1Page - Banner Engineering Corp. SLO Datasheet HTML 2Page - Banner Engineering Corp. SLO Datasheet HTML 3Page - Banner Engineering Corp. SLO Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gear Tooth Detection
Edge Detection
Code Reading (Holes in Opaque Materials)
Figure 2. Typical Applications
LED Indicators
The Slot Sensor features two LED Indicators: Power (green) and Signal (amber). They indicate the following:
Green ON: Power ON
Amber ON: Sensor sees light
Amber flashing: Excess gain is marginal (1 to 1.5×) in light condition
Select Light Operate/Dark Operate
Connect the gray wire to +V (10 V dc to 30 V dc) for Dark Operate; and to dc common (or open) for Light Operate. See wiring
diagrams.
Wiring Diagrams
3
1
2
4
5*
10-30V dc
L
L
+
–
Wiring Key
1. Brown
2. White
3. Blue
4. Black
5. Gray*
*For Dark operate, connect gray wire to + (brown). For Light operate, connect gray wire
to - (blue).
Note: Quick disconnect (QD) wiring diagrams are functionally identical.
SLO Series Slot Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 60073 Rev. B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com