Electronic Components Datasheet Search
  English  ▼

X  

CSR33B565JB Datasheet(PDF) 57 Page - Kemet Corporation

Part # CSR33B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR33B565JB Datasheet(HTML) 57 Page - Kemet Corporation

Back Button CSR33B565JB Datasheet HTML 53Page - Kemet Corporation CSR33B565JB Datasheet HTML 54Page - Kemet Corporation CSR33B565JB Datasheet HTML 55Page - Kemet Corporation CSR33B565JB Datasheet HTML 56Page - Kemet Corporation CSR33B565JB Datasheet HTML 57Page - Kemet Corporation CSR33B565JB Datasheet HTML 58Page - Kemet Corporation CSR33B565JB Datasheet HTML 59Page - Kemet Corporation CSR33B565JB Datasheet HTML 60Page - Kemet Corporation CSR33B565JB Datasheet HTML 61Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
®
KEMET
TANTALUM MOLDED / RADIAL
T340 SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
57
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert M — ±20%, K — ±10%, or J — ±5% for capacitance tolerance as shown in T340 ordering information.
(2) To complete KEMET Part Number, insert letter “C” for 5.0 mm (.197”) lead spacing, “D” for 10.0 mm (.394”) lead spacing, “E” for 10.0 mm (.394”) lead spacing or letter “F” for 5.0 mm
(.197”) lead spacing. See page 53 for outline drawings.
Bold face lines indicate popular part types and values.
Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET’S option.
MAX.
MAX.
DISSIPATION
MAX
CAPACI-
DC
FACTOR
IMPEDANCE
ITANCE
CASE
KEMET
LEAKAGE
%@25°C,
Ω@
µF
SIZE
PART NUMBER
µA@25°C
120 HZ
10 kHz
35 VOLT RATING AT 85°C — 23 VOLT AT 125°C (Cont’d)
3.9
C
T340C395(1)035AS
1.0
6
4.7
C
T340C475(1)035AS
2.5
6
5.5
5.6
C
T340C565(1)035AS
2.5
6
6.8
C
T340C685(1)035AS
3.0
6
4.2
8.2
C
T340C825(1)035AS
4.0
6
10.0
C
T340C106(1)035AS
4.0
6
2.8
12.0
D/F
T340(2)126(1)035AS
5.0
6
15.0
D/F
T340(2)156(1)035AS
5.0
6
2.2
18.0
D/F
T340(2)186(1)035AS
8.0
6
22.0
D/F
T340(2)226(1)035AS
8.0
6
1.9
27.0
D/F
T340(2)276(1)035AS
10.0
6
33.0
D/E/F
T340(2)336(1)035AS
10.0
6
1.4
47.0
E
T340E476(1)035AS
10.0
6
1.1
40 VOLT RATING AT 85°C — 32 VOLT AT 100°C
0.1
A
T340A104(1)040AS
1.0
6
200.0
0.15
A
T340A154(1)040AS
1.0
6
140.0
0.22
A
T340A224(1)040AS
1.0
6
95.0
0.33
A
T340A334(1)040AS
1.0
6
70.0
0.47
A
T340A474(1)040AS
1.0
6
46.0
0.68
A
T340A684(1)040AS
1.0
6
34.0
1.0
A
T340A105(1)040AS
1.0
6
23.0
1.5
B
T340B155(1)040AS
1.0
6
14.0
2.2
B
T340B225(1)040AS
1.7
6
10.0
3.3
C
T340C335(1)040AS
2.3
6
7.0
4.7
C
T340C475(1)040AS
3.0
6
5.0
6.8
C
T340C685(1)040AS
3.5
6
3.9
10.0
D
T340D106(1)040AS
4.5
6
2.6
15.0
D
T340D156(1)040AS
6.0
6
2.0
22.0
D
T340D226(1)040AS
9.0
6
1.7
33.0
E
T340E336(1)040AS
10.0
6
1.3
47.0
E
T340E476(1)040AS
10.0
6
1.0
50 VOLT RATING AT 85°C — 33 VOLT AT 125°C
0.1
A
T340A104(1)050AS
1.0
6
220.0
0.15
A
T340A154(1)050AS
1.0
6
150.0
0.22
A
T340A224(1)050AS
1.0
6
100.0
0.33
A
T340A334(1)050AS
1.0
6
75.0
0.39
B
T340B394(1)050AS
1.0
6
0.47
B
T340B474(1)050AS
1.0
6
50.0
0.56
B
T340B564(1)050AS
1.0
6
0.68
B
T340B684(1)050AS
1.0
6
36.0
0.82
B
T340B824(1)050AS
1.0
6
1.0
B
T340B105(1)050AS
1.0
6
25.0
1.2
B
T340B125(1)050AS
1.0
6
1.5
B/C
T340(2)155(1)050AS
1.1
6
15.0
1.8
B
T340B185(1)050AS
1.1
6
2.2
B/C
T340(2)225(1)050AS
1.5
6
11.0
2.7
C
T340C275(1)050AS
1.5
6
3.3
C/D
T340(2)335(1)050AS
2.5
6
7.5
3.9
C
T340C395(1)050AS
3.0
6
4.7
C/D
T340(2)475(1)050AS
3.5
6
5.5
5.6
C
T340C565(1)050AS
4.0
6
6.8
D/F
T340(2)685(1)050AS
5.0
6
4.0
8.2
D/F
T340(2)825(1)050AS
6.0
6
10.0
D/F
T340(2)106(1)050AS
7.0
6
2.8
12.0
D/F
T340(2)126(1)050AS
8.0
6
15.0
D/F
T340(2)156(1)050AS
9.0
6
2.2
18.0
D/F
T340(2)186(1)050AS
10.0
6
22.0
E
T340E226(1)050AS
10.0
6
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com