Electronic Components Datasheet Search
  English  ▼

X  

SA555D Datasheet(PDF) 1 Page - NEC

Part # SA555D
Description  PRECISION TIMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SA555D Datasheet(HTML) 1 Page - NEC

  SA555D Datasheet HTML 1Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NONLINEAR MODEL
NE68035
SCHEMATIC
California Eastern Laboratories
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -10/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Parameters
Q1
Parameters
Q1
IS
3.84e-16
MJC
0.64
BF
124.9
XCJC
0
NF
1.05
CJS
0
VAF
11.9
VJS
0.75
IKF
0.027
MJS
0
ISE
1.0e-14
FC
0.5
NE
2.17
TF
8.7e-12
BR
1
XTF
18
NR
1.05
VTF
19.1
VAR
Infinity
ITF
0.082
IKR
Infinity
PTF
0
ISC
0
TR
0.635e-9
NC
2
EG
1.11
RE
0.6
XTB
0
RB
17.9
XTI
3
RBM
1.02
KF
0
IRB
4.01e-4
AF
1
RC
10.5
CJE
0.358e-12
VJE
0.71
MJE
0.5
CJC
0.162e-12
VJC
0.79
(1) Gummel-Poon Model
BJT NONLINEAR MODEL PARAMETERS (1)
UNITS
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
MODEL RANGE
Frequency:
0.05 to 5.0 GHz
Bias:
VCE = 6 V, IC = 5 mA to 20 mA
Date:
10/31/96
CCB_PKG
0.11pF
0.07pF
LC
0.96nH
CCB
LB
LB_PKG
LC_PKG
0.15nH
0.1 ohms
CCE_PKG
CCEX_PKG
RE_PKG
0.2pF
0.2pF
0.1 ohms
LE_PKG
0.38nH
CBE_PKG
0.05pF
CBEX_PKG
0.1pF
EMITTER
RC_PKG
COLLECTOR
RB_PKG
0.15nH
0.1 ohms
BASE
0.45nH
CCE
0.01pF
68100
Q1


Similar Part No. - SA555D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA555D PHILIPS-SA555D Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Fairchild Semiconductor
SA555D FAIRCHILD-SA555D Datasheet
150Kb / 14P
Single Timer
logo
Texas Instruments
SA555D TI-SA555D Datasheet
405Kb / 24P
PRECISION TIMERS
SA555D TI-SA555D Datasheet
227Kb / 15P
PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
SA555D TI-SA555D Datasheet
559Kb / 27P
PRECISION TIMERS
More results

Similar Description - SA555D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
NA555 TI-NA555_07 Datasheet
559Kb / 27P
PRECISION TIMERS
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
logo
ARTSCHIP ELECTRONICS CO...
NE555 ARTSCHIP-NE555 Datasheet
787Kb / 18P
PRECISION TIMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com