Electronic Components Datasheet Search
  English  ▼

X  

STR720RXH6 Datasheet(PDF) 99 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 95Page - STMicroelectronics STR720RXH6 Datasheet HTML 96Page - STMicroelectronics STR720RXH6 Datasheet HTML 97Page - STMicroelectronics STR720RXH6 Datasheet HTML 98Page - STMicroelectronics STR720RXH6 Datasheet HTML 99Page - STMicroelectronics STR720RXH6 Datasheet HTML 100Page - STMicroelectronics STR720RXH6 Datasheet HTML 101Page - STMicroelectronics STR720RXH6 Datasheet HTML 102Page - STMicroelectronics STR720RXH6 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 401 page
background image
STR720 - DMA CONTROLLER (DMAC)
99/401
9.4.1
Register map
The following table summarizes the registers implemented in the DMA macrocell
Table 26. DMA Register Map
Addr.
Offset
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
80
DMA
SourceLo2
DMASoLo2
84
DMA
SourceHi2
DMASoHi2
88
DMA
DestLo2
DMADeLo2
8C
DMA
DestHi2
DMADeHi2
90
DMAMax2
DMAMax2
94
DMACtrl2
reserved
Dir
reserved
Circular
DeSize
SoBurst
SoSize
DeInc
SoInc
Enable
98
DMA
SoCurrHi2
DMASoCurrHi2
9C
DMA
SoCurrLo2
DMASoCurrLo2
A0
DMA
DeCurrHi2
DMADeCurrHi2
A4
DMA
DeCurrLo2
DMADeCurrLo2
A8
DMATCnt2
DMATCnt2
AC
DMA
LUBuff2
DMALUBuff2
B0
-
Reserved
C0
DMA
SourceLo3
DMASoLo3
C4
DMA
SourceHi3
DMASoHi3
C8
DMA
DestLo3
DMADeLo3
CC
DMA
DestHi3
DMADeHi3
D0
DMAMax3
DMAMax3
D4
DMACtrl3
reserved
Dir
res.
Mem2
Mem
res
Circular
DeSize
SoBurst
SoSize
DeInc
SoInc
Enable
D8
DMA
SoCurrHi3
DMASoCurrHi3
DC
DMA
SoCurrLo3
DMASoCurrLo3
1