Electronic Components Datasheet Search
  English  ▼

X  

SH21F104F201CT Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH21F104F201CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH21F104F201CT Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  SH21F104F201CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SH21F104F201CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SH21F104F201CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SH21F104F201CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SH21F104F201CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SH21F104F201CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SH21F104F201CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SH21F104F201CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SH21F104F201CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 1 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
*Contents in this sheet are subject to change without prior notice.
MULTILAYER CERAMIC CAPACITORS
Soft Termination Series
(SH_6.3V to 3000V)
NP0, X7R, X5R & Y5V Dielectrics
0402 to 2225 Sizes
Halogen Free & RoHS Compliance


Similar Part No. - SH21F104F201CT

ManufacturerPart #DatasheetDescription
logo
Rohm
SH2102WN ROHM-SH2102WN Datasheet
1Mb / 4P
650V 50A Fast Recovery Diode
2022.06 - Rev.A
SH2103WN ROHM-SH2103WN Datasheet
1Mb / 4P
650V 80A Fast Recovery Diode
2023.02 - Rev.A
SH2104WN ROHM-SH2104WN Datasheet
1Mb / 4P
650V 20A Fast Recovery Diode
2022.10 - Rev.A
More results

Similar Description - SH21F104F201CT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750X7R2E105M230KE TDK-C5750X7R2E105M230KE_16 Datasheet
138Kb / 1P
Commercial Grade ( Soft Termination )
C5750X7T2J474K250KE TDK-C5750X7T2J474K250KE Datasheet
139Kb / 1P
Commercial Grade ( Soft Termination )
C5750X7T2J474M250KE TDK-C5750X7T2J474M250KE Datasheet
139Kb / 1P
Commercial Grade ( Soft Termination )
CGA5L1X7T2J473M160AE TDK-CGA5L1X7T2J473M160AE Datasheet
139Kb / 1P
Automotive Grade ( Soft Termination )
CGA5L3X7R1H105M160AE TDK-CGA5L3X7R1H105M160AE Datasheet
139Kb / 1P
Automotive Grade ( Soft Termination )
CGA5L4X7R2J333K160AE TDK-CGA5L4X7R2J333K160AE Datasheet
247Kb / 1P
Automotive Grade ( Soft Termination )
CGA6L2X7R1H105K160AE TDK-CGA6L2X7R1H105K160AE Datasheet
246Kb / 1P
Automotive Grade ( Soft Termination )
CGA5L3X7S2A225M160AE TDK-CGA5L3X7S2A225M160AE Datasheet
138Kb / 1P
Automotive Grade ( Soft Termination )
CGA6M3X7R2E104K200AE TDK-CGA6M3X7R2E104K200AE Datasheet
138Kb / 1P
Automotive Grade ( Soft Termination )
CGA8N3X7R2E474K230KE TDK-CGA8N3X7R2E474K230KE Datasheet
139Kb / 1P
Automotive Grade ( Soft Termination )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com