Electronic Components Datasheet Search
  English  ▼

X  

TPS2158 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2158
Description  3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2158 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2158 Datasheet HTML 1Page - Texas Instruments TPS2158 Datasheet HTML 2Page - Texas Instruments TPS2158 Datasheet HTML 3Page - Texas Instruments TPS2158 Datasheet HTML 4Page - Texas Instruments TPS2158 Datasheet HTML 5Page - Texas Instruments TPS2158 Datasheet HTML 6Page - Texas Instruments TPS2158 Datasheet HTML 7Page - Texas Instruments TPS2158 Datasheet HTML 8Page - Texas Instruments TPS2158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPS2148
TPS2158
SLVS373 – AUGUST 2001
3
www.ti.com
recommended operating conditions
MIN
MAX
UNIT
VI(VIN/SWIN1)
2.9
5.5
Input voltage
VI(ENx)
0
5.5
V
VI(LDO_EN)
0
5.5
Continuous output current IO
LDO_OUT
200
mA
Continuous output current, IO
OUT1, OUT2
150
mA
Output current limit IO(LMT)
LDO_OUT
275
550
mA
Output current limit, IO(LMT)
OUT1, OUT2
200
400
mA
Operating virtual-junction temperature range, TJ
–40
100
°C
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN/SWIN1) ≤ 5.5 V, TJ = –40°C to 100°C (unless otherwise noted)
general
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Off-state supply current
VI(ENx) = 5 V (inactive),
VI(LDO_EN) = 0 V (inactive),
VO(LDO_OUT) = no load,
VO(OUTx) = no load
20
µA
Forward leakage current
VI(VIN/SWIN1) = 5 V
VI(ENx) = 5 V (inactive),
VI(LDO_EN) = 0 V (inactive),
VO(LDO_OUT) = 0 V,
VO(OUTx) = 0 V
(measured from outputs to
ground)
1
µA
V5 V
VI(LDO_EN) = 5 V (active),
VI(ENx) = on (active)
150
µA
II
Total input current at VIN/SWIN1
and SWIN2
VI(VIN/SWIN1) = 5 V,
No load on OUTx,
No load on LDOOUT
VI(LDO_EN) = 0 V (inactive),
VI(ENx) = on (active)
100
µA
No load on LDO_OUT
VI(LDO_EN) = 5 V (active),
VI(ENx) = off (inactive)
100
µA
power switches
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
rDS( )
Static drain-source on-state
resistance VIN/SWIN1 or
IO(LDO_OUT) = 50 mA,
IOUT1 and IOUT2 = 150 mA, TJ = –40°C to 100°C
680
m
Ω
rDS(on) resistance, VIN/SWIN1 or
SWIN2 to OUTx
IO(LDO_OUT) = 50 mA,
IOUT1 and IOUT2 = 150 mA, TJ = 25°C
340
m
Ω
VI(ENx) = 5 V, VI(ENx) = 0 V,
VI(VIN/SWIN1) = 5 V
10
Ilkg(R)
Reverse leakage current at
OUTx
VO(OUTx) = 5 V,
LDO_EN = don’t care
VI(ENx) = 5 V, VI(ENx) = 0 V,
VI(VIN/SWIN1) = 2.9 V
10
µA
VI(ENx) = 5 V, VI(ENx) = 0 V,
VI(VIN/SWIN1) = 0 V
10
IOS
Short circuit output current
OUTx connected to GND, device enabled into short circuit
0.2
0.4
A
NOTE 1: Specified by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com