Electronic Components Datasheet Search
  English  ▼

X  

SMB22A Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB22A
Description  EZ-LIGHT짰 Touch Gen 2 K30 Series Illuminated Multipurpose Buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB22A Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB22A Datasheet HTML 1Page - Banner Engineering Corp. SMB22A Datasheet HTML 2Page - Banner Engineering Corp. SMB22A Datasheet HTML 3Page - Banner Engineering Corp. SMB22A Datasheet HTML 4Page - Banner Engineering Corp. SMB22A Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Accessories
Cordsets
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
8-Pin Threaded M12/Euro-Style Cordsets with Open-Shield
Model
Length
Style
Dimensions
Pinout (Female)
MQDC2S-806
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
5
4
3
2
8
1
7
6
1 = White
2 = Brown
3 = Green
4 = Yellow
5 = Gray
6 = Pink
7 = Blue
8 = Red
MQDC2S-815
4.57 m (15 ft)
MQDC2S-830
9.14 m (30 ft)
MQDC2S-850
15.2 m (50 ft)
MQDC2S-806RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC2S-815RA
4.57 m (15 ft)
MQDC2S-830RA
9.14 m (30 ft)
MQDC2S-850RA
15.2 m (50 ft)
Brackets
SMB22A
•
Right-angle bracket with curved slot for
versatile orientation
•
12-ga. stainless steel
•
Mounting hole for 22 mm sensor
32
41
46
A
B
C
Hole center spacing: A to B = 26.0
Hole size: A = ø 4.6, B = 4.6 x 16.9, C = 22.2
SMB22FVK
•
V-clamp, flat bracket and fasteners for
mounting to pipe or extensions
•
Clamp accommodates 28 mm diameter
tubing or 1 in. square extrusions
•
22 mm hole for mounting sensor
46
118
34
A
ø22.5
Hole size: A = ø 22.5
EZ-LIGHT® Touch Gen 2 K30 Series Illuminated Multipurpose Buttons
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 189825 Rev. G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com