Electronic Components Datasheet Search
  English  ▼

X  

M12FTH3Q Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # M12FTH3Q
Description  Sure Cross짰 Temperature and Humidity Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

M12FTH3Q Datasheet(HTML) 2 Page - Banner Engineering Corp.

  M12FTH3Q Datasheet HTML 1Page - Banner Engineering Corp. M12FTH3Q Datasheet HTML 2Page - Banner Engineering Corp. M12FTH3Q Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-pin M 12/ Euro-style M ale
Connector
Pin
W ire Color
Sensor
Connection
5
Gray
For 12–24 V dc
operation: Not Used
For 3.6–5.5 V dc
operation: Discrete NPN Select Line. Pull to ground to enable serial communications;
release from ground t o disable serial
communications
Refer t o t he Class I Division 2 cont rol drawings (p/ n
143086) for wiring
specifications or limitations.
Low Power M ode
operation (3.6–5.5 V dc operating voltage) offers the user savings in power consumption by putting the Banner
Temperat ure and Humidit y Sensor's serial
communications to sleep whenever the sensor is deselected. Low Power Mode operation is
ideal for
battery-powered applications or any application with power consumption restrictions. When the sensor is deselected, power
consumption drops to 45 µA. When the sensor is selected, power consumption is 4 mA.
To operat e t he Banner Temperat ure and Humidit y Sensor in Low Power M ode, t he supply volt age applied t o Power In must be wit hin
t he range of 3.6–5.5 V dc. Set t he Select Line t o 0 V (ground) t o select t he sensor and
activate the sensor's serial communications.
Release t he Select Line from 0 V (ground) t o deselect t he sensor and disable t he sensor's serial
communications. When deselected, the
sensor's green LED
continues to blink normally. To bypass Low Power Mode, connect the Select Line to ground (0 V).
For example, t o use Low Power M ode, use 3.6 V dc
battery power and connect the Select Line to Discrete Output 1 (NMOSoutput, low
active).
M odbus Registers
I/ O Range
Holding Register
Representation
Sensor Address
Description
M in Value
M ax Value
M in (Dec)
M ax (Dec)
40001
Humidit y (%RH)1
0
100.00%
0
10,000
40002
Temperat ure (°C)
–1638.4
1638.3
–32768
32767
40003
Temperat ure (°F)
–1638.4
1638.3
–32768
32767
46101
Baud
0=9.6k, 1=19.2k (default ), 2=38.4k
46102
Parit y
0=none (default ), 1=odd, 2=even
46103
M odbus slave address
1 (default ) t hrough 247
The t emperat ure = (M odbus regist er value) ÷ 20.
Specifications
Supply Voltage
12 t o 24 V dc OR 3.6 t o 5.5 V dc low power
option
Current
Default sensing: 45 µAmps
Disabled sensing: 32 µAmps
Active comms: 4 mA
Discrete Input
One, NPN/ Sinking
Rating: 3 mA max current at 30 V dc
Sample Rat e: 125 milliseconds
ON
Condition (NPN): Less than 0.7 V
OFF
Condition (NPN): Greater than 2 V or open
Mounting Threads
M 12 × 1
Indicators
Green
flashing: Power ON
Red
flicker: Serial Tx
Temperature and/ or Humidity Input
Sample Rat e: 16 seconds
Communication
Int erface: RS-485 serial
Baud rat es: 9.6k, 19.2k (default ), or 38.4k
Dat a format : 8 dat a bit s, no parit y (default ), 1 st op bit (even or odd parit y
available)
Do not use
termination resistor.
Prot ocol: M odbus RTU
Temperature
M easuring Range: –40 °C t o +85 °C (–40 °F t o +185 °F) 2
Resolution: 0.1 °C
Accuracy
–40 °C t o 0 °C: ± 0.6 °C
0 °C t o 60 °C: ± 0.4 °C
+60 °C t o +85°C: ± 1.2 °C
Operating the Modbus temperature/ humidity sensor at voltages greater than
12 V can increase t he t emperat ure accuracy error by up t o 1 °C. The amount of
error depends upon t he
application's device mounting and air flow
characteristics.
Humidity3
M easuring Range: 0 t o 100%
relative humidity
Resolution: 0.1% relative humidity
Accuracy:
25 °C: ±2%
0 °C t o 70°C and 10–90%: ±3%
0 °C t o 70°C and 0–10 % or 90–100 %: ± 7%
1 Only available on the M 12FTH3Q model. Humidity sensor is not included with the M 12FT3Q model.
2
Operating the devices at the maximum operating conditions for extended periods can shorten the life of the device.
3
Humidit y measurement s are only available wit h model M 12FTH3Q. M odel M 12FT3Q does not include t he humidit y sensor.
Sure Cross® Temperat ure and Humidit y Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/ N 163751 Rev. H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com