Electronic Components Datasheet Search
  English  ▼

X  

SMB22A Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB22A
Description  EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Illuminated Buttons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB22A Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB22A Datasheet HTML 1Page - Banner Engineering Corp. SMB22A Datasheet HTML 2Page - Banner Engineering Corp. SMB22A Datasheet HTML 3Page - Banner Engineering Corp. SMB22A Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Brackets
SMB22A
•
Right-angle bracket with curved slot
for versatile orientation
•
12-ga. stainless steel
•
Mounting hole for 22 mm sensor
32
41
46
A
B
C
Hole center spacing: A to B = 26.0
Hole size: A = ø 4.6, B = 4.6 x 16.9, C = 22.2
SMB22FVK
•
V-clamp, flat bracket and fasteners
for mounting to pipe or extensions
•
Clamp accommodates 28 mm
diameter tubing or 1 in. square
extrusions
•
22 mm hole for mounting sensor
46
118
34
A
ø22.5
Hole size: A = ø 22.5
SMB22RAVK
•
V-clamp, right-angle bracket and
fasteners for mounting to pipe or
extensions
•
Clamp accommodates 28 mm
diameter tubing or 1 in. square
extrusions
•
22 mm hole for mounting sensor
90
A
57
46
Hole size: A = ø 22.5
SMBAMS22P
•
Flat SMBAMS series bracket with 22
mm hole for mounting sensors
•
Articulation slots for 90+° rotation
•
12-ga. (2.6 mm) cold-rolled steel
45
93
A
C
B
Hole center spacing: A = 26.0, A to B = 13.0
Hole size: A = 26.8 x 7.0, B = ø 6.5, C = ø 22.5
SMBAMS22RA
•
Right-angle SMBAMS series bracket
with 22 mm hole for mounting
sensors
•
Articulation slots for 90+° rotation
•
12-ga. (2.6 mm) cold-rolled steel
A
C
B
53
48
45
Hole center spacing: A = 26.0, A to B = 13.0
Hole size: A = 26.8 x 7.0, B = ø 6.5, C = ø 22.5
TC-K30-CL
•
Touch cover
Ø A
B
Diameter: A = 40.7
Height: B = 31
All measurements are listed in millimeters, unless noted otherwise.
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp.
will repair or replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty
period. This warranty does not cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION,
ANY WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE
OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE
LIABLE TO BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL,
CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER
ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product
previously manufactured by Banner Engineering Corp.
EZ-LIGHT® Touch Gen 2 K30 FDA-Grade Illuminated Buttons
www.bannerengineering.com - Tel: +1-763-544-3164



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com