Electronic Components Datasheet Search
  English  ▼

X  

QM42VT2 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # QM42VT2
Description  Sure Cross짰 Temperature and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QM42VT2 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  QM42VT2 Datasheet HTML 1Page - Banner Engineering Corp. QM42VT2 Datasheet HTML 2Page - Banner Engineering Corp. QM42VT2 Datasheet HTML 3Page - Banner Engineering Corp. QM42VT2 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Connecting the Temperature/ Humidity Sensor
To inst all t he sensor t o a device w it h a 5-pin Euro-st yle female end, follow t hese
instructions:
1. Align t he not ch in t he female connect or w it h t he key in t he sensor’s male
connect or.
2. Gent ly slide t he sensor end int o t he connect or.
3. Rot at e t he t hreaded nut t o
tighten the sensor down. DO NOT attempt to
rot at e t he sensor
after it is connected to the device or the cable end
because t his w ill damage t he sensor.
Female end
Threaded nut
Male end
W iring
This sensor is designed t o be plugged direct ly int o
compatible Nodes. The Node powers the sensor and periodically requests data using
t he 1-w ire serial int erface. Refer t o t he Class I Division 2 cont rol draw ings (p/ n
143086) for w iring
specifications or limitations.
5-pin M 12/ Euro-style Connector (M ale)
Pin
W ire Color
Sensor
Connection
1
4
5
3
2
1
Brow n
Pow er IN (+), 3.6 t o 5.5 V dc
2
Whit e
1-Wire serial device select (sinking input t o sensing device)
3
Blue
Ground (-)
4
Black
Not used/ reserved
5
Gray
1-Wire serial
communications
Holding Registers
The t emperat ure = (Holding regist er value) ÷ 20.
Sensor
Register
Output Type
I/ O Range
Holding Register
Representation
M in
M ax
M in (Dec)
M ax (Dec)
1
Humidit y (%RH) 1
0
100.00%
0
10,000
2
Temperat ure (°C)
–1638.4
1638.3
–32768
32767
3
Temperat ure (°F)
–1638.4
1638.3
–32768
32767
1 Only available on the M 12FTH4Q model. Humidity sensor is not included with the M 12FT4Q model.
Sure Cross® Temperat ure and Humidit y Sensor
2
w w w .bannerengineering.com - Tel: +1-763-544-3164
P/ N 162669 Rev. G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com