Electronic Components Datasheet Search
  English  ▼

X  

PVA Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # PVA
Description  PVA Pick-to-Light Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PVA Datasheet(HTML) 2 Page - Banner Engineering Corp.

  PVA Datasheet HTML 1Page - Banner Engineering Corp. PVA Datasheet HTML 2Page - Banner Engineering Corp. PVA Datasheet HTML 3Page - Banner Engineering Corp. PVA Datasheet HTML 4Page - Banner Engineering Corp. PVA Datasheet HTML 5Page - Banner Engineering Corp. PVA Datasheet HTML 6Page - Banner Engineering Corp. PVA Datasheet HTML 7Page - Banner Engineering Corp. PVA Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Model1
Description
Array Length / #
Beams
Job Light Input2
Receiver Output
PVA300P6
Emitter/Receiver Pair
+5 to 30V dc
PNP (Sourcing)
PVA300P6E
Emitter
PVA300P6R
Receiver
PVA375N6
Emitter/Receiver Pair
375 mm (15 in) Long, 16
Beams
0V dc
NPN (Sinking)
PVA375N6E
Emitter
PVA375N6R
Receiver
PVA375P6
Emitter/Receiver Pair
+5 to 30V dc
PNP (Sourcing)
PVA375P6E
Emitter
PVA375P6R
Receiver
Overview
The PVA Series Parts Verification Array is a simple, easy-to-use light screen suited to many part assembly and object detection applications.
The PVA has two components: an emitter and a receiver. The receiver's solid-state output interfaces to a system controller, which is pre-
programmed by a supervisor for a specific sequence of tasks. Mounted so that the beams stretch across each bin in an assembler’s work
station, the PVA then signals the assembler (by means of easy-to-see job lights) which bins contain items to be picked in a given operation
and in what order they should be picked.
As the assembler reaches into each bin, the system senses if the correct part has been taken, then signals the next bin in the sequence. The
system may be wired to signal an alarm for the assembler and/or a supervisor in the event an incorrect part is selected.
The major benefit of a PVA-driven system is increased efficiency, due to simplified job training, increased quality control (no skipped
components), and reduced rework and inspections. The PVA speeds the resumption of work after breaks and other distractions. And it is
ideal for multilingual workplaces where communication may be an issue.
Installation
Multiple sensor pairs located farther than the sensor's effective maximum range (approximately 2 m or 6.5 ft) from one another are unlikely
to cause crosstalk problems. However, when multiple sensor pairs are mounted in a confined area, take care to avoid crosstalk between
them. To avoid crosstalk:
• Alternate the relative position of adjacent emitter/receiver pairs.
• Alternate the Frequency configuration of adjacent pairs.
Mount emitter and receiver pairs parallel, with both cable ends pointing the same direction.
Emitter
Receiver
Receiver
Emitter
Emitter
Receiver
Receiver
Emitter
Figure 1. Example—Correct Positions
Receiver
Emitter
Cable ends pointing in opposite directions
Emitter
Receiver
Non-parallel orientation
Figure 2. Example—Incorrect Positions
1 Only cabled models (2 m (6.5 ft) unterminated integral cable) are listed. For 2 m (6.5 ft) pigtail with Euro-style Quick-disconnect fitting, add "Q" to the
model number (for example, PVA100N6Q).
2 See Configuration on page 4
PVA Pick-to-Light Array
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 52088 Rev. F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com