Electronic Components Datasheet Search
  English  ▼

X  

6A8 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 6A8
Description  General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

6A8 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  6A8 Datasheet HTML 1Page - First Silicon Co., Ltd 6A8 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
6A05 ~ 6A10
2013. 04. 09
1/2
Revision No : 0
General Purpose Rectifier
■ Features
■ Outline Dimensions and Mark
●I
o
6A
●VRRM
50V-1000V
●High surge current capability
■ Applications
● Rectifier
■ Limiting Values (Absolute Maximum Rating)
6A
Item
Symbol
Unit
Conditions
05
1
2
4
6
8
10
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Forward Current
IF(AV)
A
60Hz Half-sine wave, Resistance
load, Ta=50℃
6
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz
Half-sine
wave,1
cycle,
Ta=25℃
400
Junction
Temperature
TJ
℃
-55~+150
Storage Temperature
TSTG
℃
-55 ~ +150
■ Electrical Characteristics (Ta=25 Unless otherwise specified)
Item
Symbol
Unit
Test Condition
Max
Peak Forward Voltage
V
FM
V
I
FM=6.0A
1.1
I
RRM1
Ta=25℃
10
Peak Reverse Current
I
RRM2
μA
VRM=VRRM
Ta=125℃
100
1 0(25.4)
MIN
.360(9.10)
.340(8.60)
052(1 32)
.047(1 20)
DIA
360(9.10)
.340(8 60)
1.0(25.4)
MIN
Dimensions in inches and (millimeters)
R-6
DIA


Similar Part No. - 6A8

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
6A8 RECTRON-6A8 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A8 JGD-6A8 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A8 BYTES-6A8 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A8 DCCOM-6A8 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Diodes Incorporated
6A8 DIODES-6A8 Datasheet
62Kb / 2P
6.0A SILICON RECTIFIER
DS28009 Rev. F-2
More results

Similar Description - 6A8

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
1A1G YANGJIE-1A1G Datasheet
206Kb / 4P
General Purpose Rectifier
1A1 YANGJIE-1A1_17 Datasheet
206Kb / 4P
General Purpose Rectifier
1N4001 YANGJIE-1N4001_17 Datasheet
207Kb / 4P
General Purpose Rectifier
G07A YANGJIE-G07A Datasheet
92Kb / 2P
General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
General Purpose Rectifier
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com