Electronic Components Datasheet Search
  English  ▼

X  

ABS202 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # ABS202
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

ABS202 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  ABS202 Datasheet HTML 1Page - First Silicon Co., Ltd ABS202 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABS202 ~ ABS210
2017 01 14
2/2
Revision No : 0
10
20
30
00
10
100
1
40
Number of Cycles
F
t
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°
C
T =25
J
°
C
C p
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°
C
0.5
1.0
1.5
2.0
0.0
F . Typ c
t
Fo
0.0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
T =25
J
°
C
pulse with 300μs
1% duty cycle
0.4
0.8
1.2
1.6
2.0
0.0
25
50
75
100
125
150
175
F .
Resistive or Inductive Load
2.4
50
60
F
o R
P
8.3 ms Single Half Sine Wave
(JEDEC Method)
CaseTemperature (°C)
Ratings and Characteristic Curves
Al. Substrate PC Board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com