Electronic Components Datasheet Search
  English  ▼

X  

BAV100 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BAV100
Description  Small-Signal Diode Fast Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAV100 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BAV100 Datasheet HTML 1Page - First Silicon Co., Ltd BAV100 Datasheet HTML 2Page - First Silicon Co., Ltd BAV100 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
BAV100 ~ BAV103
2012. 07. 13
1/3
Revision No : 0
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted.)
Silicon Epitaxial Planar Diodes
For general purpose
These diodes are also available in other case styles including:
the DO-35 case with the type designations BAV19 to BAV21.
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Cathode Band Color: Yellow
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
t
i
m
i
L
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
s
u
o
u
n
i
t
n
o
0
C
0
1
V
A
B
1
0
1
V
A
B
2
0
1
V
A
B
3
0
1
V
A
B
V
R
0
5
0
0
1
0
5
1
0
0
2
s
t
l
o
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
0
R
0
1
V
A
B
1
0
1
V
A
B
2
0
1
V
A
B
3
0
1
V
A
B
V
M
R
R
0
6
0
2
1
0
0
2
0
5
2
s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
C
D
d
r
a
w
r
o
F
b
m
a
5
2
=
oC )
1
(
I
F
0
5
2
A
m
)
e
g
a
r
e
v
A
(
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
R
d
a
o
l
.
t
s
i
s
e
r
h
t
i
w
n
o
i
t
a
c
i
f
i
t
c
e
r
e
v
a
w
f
l
a
h
T
t
a
b
m
a
5
2
=
o
d
n
a
C
f>
z
H
0
5
)
1
(
I
)
V
A
(
F
0
0
2
A
m
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
p
e
v
i
t
i
t
e
p
e
R
f
t
a >
,
z
H
0
5
Θ
0
8
1
=
O T
,
b
m
a
5
2
=
oC )
1
(
I
M
R
F
5
2
6
A
m
T
d
n
a
s
1
<
t
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
r
u
S
j
5
2
=
o
I
C
M
S
F
0
.
1
p
m
A
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oC )
1
(
P
t
o
t
500
W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
)
1
(
R
θ A
J
5
7
3
o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
7
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
)
1
(
T
S
5
7
1
+
o
t
5
6
-
oC
Notes:
1. Valid provided that electrodes are kept at ambient temperature
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
s
e
d
o
i
D
g
n
i
h
c
t
i
w
S
t
s
a
F


Similar Part No. - BAV100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
General Semiconductor
BAV100 GE-BAV100 Datasheet
144Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
BAV100 SEMIKRON-BAV100 Datasheet
81Kb / 2P
Ultrafast silicon rectifier diodes
More results

Similar Description - BAV100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148_12 Datasheet
109Kb / 4P
Small Signal Fast Switching Diodes
29-Oct-10
LL4148 VISHAY-LL4148_12 Datasheet
61Kb / 4P
Small Signal Fast Switching Diodes
01-Sep-10
LL4148-M VISHAY-LL4148-M Datasheet
61Kb / 4P
Small Signal Fast Switching Diodes
01-Sep-10
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
Small Signal Fast Switching Diodes
06-May-13
logo
GOOD-ARK Electronics
BAW75 GOOD-ARK-BAW75_15 Datasheet
168Kb / 4P
Small-Signal Diode Fast Switching Diodes
BAV100 GOOD-ARK-BAV100_15 Datasheet
170Kb / 3P
Small-Signal Diode Fast Switching Diodes
BAV19 GOOD-ARK-BAV19_15 Datasheet
150Kb / 3P
Small-Signal Diode Fast Switching Diodes
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
Small-Signal Fast Switching Diodes
logo
Shenzhen Luguang Electr...
BAS16W LUGUANG-BAS16W_V01 Datasheet
1Mb / 3P
Small-Signal Fast Switching Diodes
logo
Vishay Siliconix
1N4151 VISHAY-1N4151_V01 Datasheet
80Kb / 4P
Small Signal Fast Switching Diodes
24-Feb-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com