Electronic Components Datasheet Search
  English  ▼

X  

SMB30A Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB30A
Description  K50 Series Pick-to-Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB30A Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB30A Datasheet HTML 1Page - Banner Engineering Corp. SMB30A Datasheet HTML 2Page - Banner Engineering Corp. SMB30A Datasheet HTML 3Page - Banner Engineering Corp. SMB30A Datasheet HTML 4Page - Banner Engineering Corp. SMB30A Datasheet HTML 5Page - Banner Engineering Corp. SMB30A Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Indicators
Entire translucent dome provides indicator light; either job or pick sensed
indicator inhibits the other light, depend on model
Job (pick) indicator: Green
Pick sensed indicator: Red or unilluminated, depending on model
Environmental Rating
Fully encapsulated; IEC IP67
Integral QD models: DIN 40050 (IP69K) when using IP69K-rated cables
Cable models: IP69K when mounted with conduit
NEMA/UL Type 4X, 13
Operating Conditions
−40 °C to +50 °C (−40 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Certifications
Required Overcurrent Protection
WARNING: Electrical connections must be made
by qualified personnel in accordance with local
and national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application
per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Dimensions
Ø15.6 mm [Ø0.61”]
50 mm
[1.97”]
36.8 mm
[1.45”]*
20 mm [0.79”]
11 mm [0.43”]
1/2-14 NPSM
internal threads
M30 × 1.5
(mounting nut included)
maximum torque
4.5 Nm (40 lbf in)
*For push-button models, this dimension is 44.2 mm (1.74 in)
K50 Series Pick-to-Light
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 125680 Rev. F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com