Electronic Components Datasheet Search
  English  ▼

X  

BC807S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BC807S
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC807S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BC807S Datasheet HTML 1Page - First Silicon Co., Ltd BC807S Datasheet HTML 2Page - First Silicon Co., Ltd BC807S Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Transistors
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
PNP Silicon
FEATURE
Collector current capability IC = -800 mA.
Collector-emitter voltage VCEO(max) = -45 V.
General purpose switching and amplification.
NPN complement : BC817 Series.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
BC807S-A
5A1
3000/Tape&Reel
BC807S-B
H5B
3000/Tape&Reel
BC807S-C
5C1
3000/Tape&Reel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
–45
V
Collector–Base Voltage
V CBO
–50
V
Emitter–Base Voltage
V EBO
–5.0
V
Collector Current
I C
–800
mAdc
THERMAL CHARACTERISTICS
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
TA
W
m
5
2
2
C
°
5
2
=
8
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
Alumina Substrate, (2) TA
W
m
0
0
3
C
°
5
2
=
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
2
EMITTER
3
COLLECTOR
1
BASE
SOT–23
1
3
2
SEMICONDUCTOR
TECHNICAL DATA
BC807S
2008. 01. 09
1/3
Revision No : 0


Similar Part No. - BC807S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 08
logo
Transys Electronics
BC807 TRSYS-BC807 Datasheet
303Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
logo
Zetex Semiconductors
BC807 ZETEX-BC807 Datasheet
36Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
More results

Similar Description - BC807S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
ON Semiconductor
BCH807-16L ONSEMI-BCH807-16L Datasheet
208Kb / 11P
General Purpose Transistors
February, 2020 ??Rev. 0
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com