Electronic Components Datasheet Search
  English  ▼

X  

BC817S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BC817S
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC817S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BC817S Datasheet HTML 1Page - First Silicon Co., Ltd BC817S Datasheet HTML 2Page - First Silicon Co., Ltd BC817S Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
45
V
Collector–Base Voltage
V CBO
50
V
Emitter–Base Voltage
V EBO
5.0
V
Collector Current — Continuous
I C
500
mAdc
THERMAL CHARACTERISTICS
x
a
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
TA
W
m
5
2
2
C
°
5
2
=
8
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
Alumina Substrate, (2) TA
W
m
0
0
3
C
°
5
2
=
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
BC817S–A = 6A , BC817S-B = H6B , BC817S-C = 6C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mA)
V (BR)CEO
45
—
—
V
Collector–Emitter Breakdown Voltage
(VEB = 0, IC = –10
µA)
V (BR)CES
50
—
—
V
Emitter–Base Breakdown Voltage
(I E = –1.0
µA)
V (BR)EBO
5.0
—
—
V
I
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
C
CBO
(VCB
A
n
0
0
1
—
—
)
V
0
2
=
(VCB = 20 V, TA
0
.
5
—
—
)
C
°
0
5
1
=
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
2
EMITTER
3
COLLECTOR
1
BASE
SOT–23
1
3
2
SEMICONDUCTOR
TECHNICAL DATA
BC817S
2008. 01. 18
1/3
Revision No : 0


Similar Part No. - BC817S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU Datasheet
532Kb / 6P
NPN Silicon AF Transistor
2008-10-20
BC817SU INFINEON-BC817SU Datasheet
537Kb / 6P
NPN Silicon AF Transistor
2011-08-30
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
NPN Silicon AF Transistor
2008-10-20
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
NPN Silicon AF Transistor
2011-08-30
More results

Similar Description - BC817S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com