Electronic Components Datasheet Search
  English  ▼

X  

BC846S Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BC846S
Description  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC846S Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BC846S Datasheet HTML 1Page - First Silicon Co., Ltd BC846S Datasheet HTML 2Page - First Silicon Co., Ltd BC846S Datasheet HTML 3Page - First Silicon Co., Ltd BC846S Datasheet HTML 4Page - First Silicon Co., Ltd BC846S Datasheet HTML 5Page - First Silicon Co., Ltd BC846S Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DEVICE MARKING AND ORDERING INFORMATION
g
n
i
p
p
i
h
S
e
g
a
k
c
a
P
g
n
i
k
r
a
M
e
c
i
v
e
D
l
e
e
R
&
e
p
a
T
/
0
0
0
3
3
2
-
T
O
S
1A
BC846S-A
l
e
e
R
&
e
p
a
T
/
0
0
0
3
3
2
-
T
O
S
SOT-23
2008. 01. 18
2/6
Revision No : 0
BC846S ~ BC850S
BC846S-B
1B
3000/Tape&Reel
BC846S-C
1C
BC847S-A
1E
SOT-23
3000/Tape&Reel
BC847S-B
1F
SOT-23
3000/Tape&Reel
BC847S-C
1G
SOT-23
3000/Tape&Reel
BC848S-C
BC848S-B
BC848S-A
SOT-23
SOT-23
SOT-23
3000/Tape&Reel
3000/Tape&Reel
3000/Tape&Reel
1L
1K
1J
BC849S-B
BC849S-C
SOT-23
SOT-23
SOT-23
3000/Tape&Reel
3000/Tape&Reel
3000/Tape&Reel
2B
2C
BC850S-C
BC850S-B
2G
2F
SOT-23
3000/Tape&Reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com