Electronic Components Datasheet Search
  English  ▼

X  

BC847U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BC847U
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC847U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BC847U Datasheet HTML 1Page - First Silicon Co., Ltd BC847U Datasheet HTML 2Page - First Silicon Co., Ltd BC847U Datasheet HTML 3Page - First Silicon Co., Ltd BC847U Datasheet HTML 4Page - First Silicon Co., Ltd BC847U Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2012. 07. 05
2/5
Revision No : 0
BC846U/ 847U/ 848U
ELECTRICAL CHARACTERISTICS(TA = 25°C unless otherwise noted) (Continued)
y
T
n
i
M
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
p
Max
Unit
ON CHARACTERISTICS
h
n
i
a
G
t
n
e
rr
u
C
C
D
FE
—
90
—
—
(IC = 10 µA, V CE = 5.0 V)
—
150
—
—
270
—
(I C = 2.0 mA, V CE = 5 0 V)
110
180
220
200
290
450
420
520
800
Collector–Emitter Saturation Voltage (I C = 10 mA, I B = 0.5 mA)
V CE(sat)
—
—
0.25
V
(I C = 100 mA, I B = 5.0 mA)
—
—
0.6
Base–Emitter Saturation Voltage (IC = 10 mA, I B = 0.5 mA)
V BE(sat)
—
0.7
—
V
(I C = 100 mA, I B
—
9
.
0
—
)
A
m
0
.
5
=
Base–Emitter Voltage (I C = 2.0 mA, V CE = 5.0 V)
V BE(on)
580
660
700
mV
(I C = 10 mA, V CE
0
7
7
—
—
)
V
0
.
5
=
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
—
—
MHz
(I C = 10 mA, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB
C
)
z
H
M
0
.
1
=
f
,
V
0
1
=
obo
—
—
4.5
pF
Noise Figure (I C = 0.2 mA,
B
d
F
N
V CE = 5.0 Vdc, R S = 2.0 kΩ,
—
—
10
f = 1.0 kHz, BW = 200 Hz)
—
—
4.0
I
C , COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
I
C , COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
V
CE = 10 V
T
A = 25°C
2.0
1.5
1.0
0.8
0.6
0.4
0.3
0.2
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
T
A = 25°C
V
BE(sat) @ I C /I B=10
V
BE(on) @ V CE = 10 V
V
CE(sat) @ I C /I B = 10
T
A = 25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.0
1.2
1.6
2.0
2.4
2.8
I
B , BASE CURRENT (mA)
Figure 3. Collector Saturation Region
I
C= 200 mA
–55°C to +125°C
I
C , COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
2.0
1.6
1.2
0.8
0.4
0
I
C =
10 mA
I
C = 100 mA
I
C =
20 mA
I
C = 50 mA
0
0
1
0
1
0
.
1
2
.
0
0.02
0.1
1.0
10
20
BC846UA, BC847UA, BC848UA
BC846UB, BC847UB, BC848UB
BC84U7C, BC848UC
BC846UA, BC847UA, BC848UA
BC846UB, BC847UB, BC848UB
BC847UC, BC848UC
BC846UA, BC847UA, BC848UA
BC846UB, BC847UB, BC848UB
BC847UC, BC848UC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com