Electronic Components Datasheet Search
  English  ▼

X  

BC859 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # BC859
Description  General Purpose Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC859 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  BC859 Datasheet HTML 1Page - First Silicon Co., Ltd BC859 Datasheet HTML 2Page - First Silicon Co., Ltd BC859 Datasheet HTML 3Page - First Silicon Co., Ltd BC859 Datasheet HTML 4Page - First Silicon Co., Ltd BC859 Datasheet HTML 5Page - First Silicon Co., Ltd BC859 Datasheet HTML 6Page - First Silicon Co., Ltd BC859 Datasheet HTML 7Page - First Silicon Co., Ltd BC859 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC856
IC , COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
IC , COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
IB , BASE CURRENT (mA)
Figure 9. Collector Saturation Region
IC , COLLECTOR CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
VBE(sat) @ IC /IB= 10
VBE @VCE= –5.0 V
TJ = 25 C
VCE = –5.0V
TA = 25 C
VCE(sat) @ I C /IB= 10
IC =
–10 mA
–100mA
–20mA
–200mA
TJ= 25 C
θ VB for VBE
–55°C to 125°C
–1.0
–1.4
–1.8
–2.2
–2.6
–3.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
2.0
1.0
0.5
0.2
–2.0
–1.6
–1.2
–0.8
–0.4
0
–0.1–0.2
–1.0–2.0 –5.0–10–20 –50–100–200
–0.2 –0 5 –1.0 –2.0 –5.0 –10 –20
–50 –100 –200
–0 2
–0 5 –1 0 –2 0
–5 0 –10 –20
–50 –100 –200
–0 02
–0 05 –0 1 –0 2
–0 5 –1 0 –2 0
–5 0 –10 –20
–50mA
VR , REVERSE VOLTAGE (VOLTS)
Figure 11. Capacitance
IC , COLLECTOR CURRENT (mA)
Figure 12. Current–Gain – Bandwidth Product
Cob
Cib
TJ = 25 C
VCE= –5.0 V
0
0
1
–
0
1
–
0
.
1
–
0
0
1
–
0
5
–
0
2
–
0
1
–
0
.
5
–
0
.
2
–
0
.
1
–
5
.
0
–
2
.
0
–
1
.
0
–
40
20
10
8.0
6.0
4.0
2.0
500
200
100
50
20
2007. 12. 18
5/7
Revision No : 0
BC856 / 857 / 858 / 859S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com