Electronic Components Datasheet Search
  English  ▼

X  

BC858U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BC858U
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC858U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BC858U Datasheet HTML 1Page - First Silicon Co., Ltd BC858U Datasheet HTML 2Page - First Silicon Co., Ltd BC858U Datasheet HTML 3Page - First Silicon Co., Ltd BC858U Datasheet HTML 4Page - First Silicon Co., Ltd BC858U Datasheet HTML 5Page - First Silicon Co., Ltd BC858U Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2012. 07. 05
2/6
Revision No : 0
BC856U/ 857U/ 858U
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
Unit
ON CHARACTERISTICS
DC Current Gain
h FE
—
90
—
—
(IC = –10 µA, V CE = –5 0 V)
—
150
—
—
270
—
(I C = –2.0 mA, V CE = –5.0 V)
125
180
250
220
290
475
420
520
800
Collector–Emitter Saturation Voltage (I C = –10 mA, IB = – 0.5 mA)
V CE(sat)
—
—
– 0.3
V
(I C = –100 mA, I B = – 5.0 mA)
—
—
– 0.65
Base–Emitter Saturation Voltage (IC = –10 mA, I B = –0.5 mA)
V BE(sat)
—
– 0.7
—
V
(I C = –100 mA, I B
—
9
.
0
–
—
)
A
m
0
.
5
–
=
Base–Emitter Voltage (IC = –2.0 mA, V CE = –5.0 V)
V BE(on)
– 0.6
—
– 0.75
V
(I C = –10 mA, V CE
2
8
.
0
–
—
—
)
V
0
.
5
–
=
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
—
—
MHz
(I C = – 10 mA, V CE = – 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB
C
)
z
H
M
0
.
1
=
f
,
V
0
1
–
=
ob
—
—
4.5
pF
Noise Figure
NF
––
––
10
dB
(I C= – 0.2 mA,V CE= – 5.0 Vdc, R S= 2.0 kΩ, f =1.0 kHz, BW= 200 Hz)
BC856UA, BC857UA, BC858UA
BC856UB, BC857UB, BC858UB
BC858UC,
BC858UC,
BC856UB, BC857UB, BC858UB
BC856UA, BC857UA, BC858UA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com