Electronic Components Datasheet Search
  English  ▼

X  

BC858CLT1G Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BC858CLT1G
Description  General Purpose Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC858CLT1G Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BC858CLT1G Datasheet HTML 1Page - First Silicon Co., Ltd BC858CLT1G Datasheet HTML 2Page - First Silicon Co., Ltd BC858CLT1G Datasheet HTML 3Page - First Silicon Co., Ltd BC858CLT1G Datasheet HTML 4Page - First Silicon Co., Ltd BC858CLT1G Datasheet HTML 5Page - First Silicon Co., Ltd BC858CLT1G Datasheet HTML 6Page - First Silicon Co., Ltd BC858CLT1G Datasheet HTML 7Page - First Silicon Co., Ltd BC858CLT1G Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DEVICE MARKING AND ORDERING INFORMATION
Shipping
Package
Marking
Device
3000/Tape&Reel
SOT-23
3A
BC856ALT1G
BC856ALT3G
3A
SOT-23
3000/Tape&Reel
SOT-23
3B
BC856BLT1G
BC856BLT3G
3B
3000/Tape&Reel
SOT-23
3E
BC857ALT1G
BC857ALT1G
3000/Tape&Reel
SOT-23
3F
BC857BLT1G
BC857BLT3G
3F
3000/Tape&Reel
SOT-23
3G
BC857CLT1G
BC857CLT1G
3G
3000/Tape&Reel
SOT-23
3J
BC858ALT1G
BC858ALT1G
3J
3000/Tape&Reel
SOT-23
3K
BC858BLT1G
BC858BLT3G
3K
3000/Tape&Reel
SOT-23
3L
BC858CLT1G
BC858CLT3G
3L
3000/Tape&Reel
SOT-23
4B
BC859BLT1G
BC859BLT1G
4B
3000/Tape&Reel
SOT-23
4C
BC859CLT1G
BC859CLT3G
4C
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
3E
10000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
2007. 12. 18
2/7
BC856 / 857 / 858 / 859S
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com