Electronic Components Datasheet Search
  English  ▼

X  

SMB30A Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB30A
Description  EZ-LIGHT짰 K50 and K80 Series Pick-to-Light Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB30A Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB30A Datasheet HTML 1Page - Banner Engineering Corp. SMB30A Datasheet HTML 2Page - Banner Engineering Corp. SMB30A Datasheet HTML 3Page - Banner Engineering Corp. SMB30A Datasheet HTML 4Page - Banner Engineering Corp. SMB30A Datasheet HTML 5Page - Banner Engineering Corp. SMB30A Datasheet HTML 6Page - Banner Engineering Corp. SMB30A Datasheet HTML 7Page - Banner Engineering Corp. SMB30A Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Indicator and Output Behavior
Note: "D," "C," and "E" Series models as referenced in the table pertain to a part of the product model number,
immediately preceding the Q designation.
Models
Sensor Conditions
Job Light
Alternate Indicator
Output Signal Status
Standard (D-Series)
Job input active
Hand/pick absent
ON Green
—
OFF
Hand/pick present
ON Green
—
ON
No job input
Hand/pick absent
—
OFF
Hand/pick present
—
ON
C-Series
Job input active
Hand/pick absent
ON Green
—
OFF
Hand/pick present
—
ON Red
ON
No job input
Hand/pick absent
OFF
OFF
OFF
Hand/pick present
—
ON Red
ON
E-Series
Job input active
Hand/pick absent
ON Green
—
OFF
Hand/pick present
ON Green
—
ON
No job input
Hand/pick absent
OFF
—
OFF
Hand/pick present
—
ON Red
ON
Installation
For push-button models, install the sensor at such a height and in a location that will be easy for the user and/or supervisor to see the
indicator and will be comfortable for the user to press the push-button.
For other models, install the sensor in a location that will be comfortable for the user to break the beam when reaching for the required
part. When multiple sensors will be located in close proximity, to monitor multiple bins for example, mount all the sensors in a similar
sensing position (all mounted at the tops of the bins and pointing down, for example). This may reduce potential optical crosstalk,
where one sensor detects another sensor’s beam.
Wiring Diagrams
NPN Models
12-30V dc
Job Light
Enable < 1.0V dc
–
+
1
3
2
4
Load
PNP Models
12-30V dc
Job Light
Enable > 7V dc
–
+
1
3
2
4
Load
Wiring Key
1. Brown
2. White
3. Blue
4. Black
Note: Cabled wiring diagrams are shown. Quick disconnect (QD) wiring diagrams are functionally identical.
EZ-LIGHT® K50 and K80 Series Pick-to-Light Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 126441 Rev. J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com