Electronic Components Datasheet Search
  English  ▼

X  

40EPF06 Datasheet(PDF) 4 Page - International Rectifier

Part # 40EPF06
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPF06 Datasheet(HTML) 4 Page - International Rectifier

  40EPF06 Datasheet HTML 1Page - International Rectifier 40EPF06 Datasheet HTML 2Page - International Rectifier 40EPF06 Datasheet HTML 3Page - International Rectifier 40EPF06 Datasheet HTML 4Page - International Rectifier 40EPF06 Datasheet HTML 5Page - International Rectifier 40EPF06 Datasheet HTML 6Page - International Rectifier 40EPF06 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
40EPF.. QUIET
IR Series
Bulletin I2114 rev. B 07/01
www.irf.com
Fig. 8 - Recovery Time Characteristics, T
J = 25°C
Fig. 9 - Recovery Time Characteristics, T
J = 150°C
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
100
150
200
250
300
350
400
450
1
10
100
Number Of E qual Amplitude H alf Cycle Current P uls es (N)
At Any R ated L oad Condition And W ith
R ated V
Applied F ollowing S urge.
RRM
40E P F .. S eries
Initial T = 150 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
J
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Puls e T rain D uration (s )
Max imum N on R epetitive S urge Current
Vers us P uls e T rain D uration.
Initial T = 150 C
N o Voltage R eapplied
Rated V
Reapplied
J
RR M
40E P F .. S eries
1
10
100
1000
01
2
3
4
56
T = 25 C
J
40E P F .. S eries
Instantaneous F orward Voltage (V)
T = 150 C
J
25
50
75
100
125
150
175
200
225
0
40
80
120
160
200
R ate Of F all Of F orward Current - di/dt (A/ s )
1 A
5 A
10 A
I
= 80 A
FM
20 A
40 A
40E P F .. S eries
T
= 25 C
J
0
0.2
0.4
0.6
0.8
0
40
80
120
160
200
R ate Of F all Of F orward Current - di/dt (A/ s )
1 A
5 A
10 A
I
= 80 A
FM
40E P F .. S eries
T
= 150 C
J
20 A
40 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com