Electronic Components Datasheet Search
  English  ▼

X  

PDRB-18 Datasheet(PDF) 1 Page - CUI INC

Part # PDRB-18
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-18 Datasheet(HTML) 1 Page - CUI INC

  PDRB-18 Datasheet HTML 1Page - CUI INC PDRB-18 Datasheet HTML 2Page - CUI INC PDRB-18 Datasheet HTML 3Page - CUI INC PDRB-18 Datasheet HTML 4Page - CUI INC PDRB-18 Datasheet HTML 5Page - CUI INC PDRB-18 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 06/13/2019
page 1 of 6
SERIES: PDRB-18
│ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PDRB-18-5
5
3.0
15
50
75
PDRB-18-12
12
1.5
18
50
77
PDRB-18-15
15
1.2
18
50
77
PDRB-18-24
24
0.75
18
50
77
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope.
2. At nominal input.
3. All specifications are measured at Ta=25°C, nominal input voltage, and rated output load unless otherwise specified.
FEATURES
• universal input (90~264 Vac)
• integrated fuse and surge protection
• 3,000 Vac input/output isolation voltage
• DC ON/LOW LED indicators
• over voltage/current protection
• spring and screw terminal options
• adjustable output via trim POT
• UL/cUL, TUV, CE certified
PART NUMBER KEY
Base Number
PDRB-18 - XX X
Output Voltage
Terminal Type:
“blank” = spring terminal
A = screw terminal
Additional Resources: Product Page


Similar Part No. - PDRB-18

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDRB-18 CUI-PDRB-18 Datasheet
589Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-18-12 CUI-PDRB-18-12 Datasheet
589Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-18-15 CUI-PDRB-18-15 Datasheet
589Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-18-24 CUI-PDRB-18-24 Datasheet
589Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-18-5 CUI-PDRB-18-5 Datasheet
589Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
More results

Similar Description - PDRB-18

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ADF240 ARCH-ADF240_16 Datasheet
184Kb / 3P
AC-DC Din Rail Power Supply
logo
CUI INC
PDRB-5 CUI-PDRB-5 Datasheet
580Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-10 CUI-PDRC-10 Datasheet
424Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-60 CUI-PDRC-60 Datasheet
486Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-300 CUI-PDRB-300 Datasheet
583Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-10 CUI-PDRC-10_V01 Datasheet
445Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
04/27/2021
PDRB-300 CUI-PDRB-300_V01 Datasheet
591Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-5 CUI-PDRB-5_V01 Datasheet
593Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-75 CUI-PDRB-75_V01 Datasheet
611Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
11/23/2020
PDRB-18 CUI-PDRB-18_V01 Datasheet
589Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com